Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STH140N6F7-2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STH140N6F7-2
Description  High avalanche ruggedness
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH140N6F7-2 Datasheet(HTML) 5 Page - STMicroelectronics

  STH140N6F7-2 Datasheet HTML 1Page - STMicroelectronics STH140N6F7-2 Datasheet HTML 2Page - STMicroelectronics STH140N6F7-2 Datasheet HTML 3Page - STMicroelectronics STH140N6F7-2 Datasheet HTML 4Page - STMicroelectronics STH140N6F7-2 Datasheet HTML 5Page - STMicroelectronics STH140N6F7-2 Datasheet HTML 6Page - STMicroelectronics STH140N6F7-2 Datasheet HTML 7Page - STMicroelectronics STH140N6F7-2 Datasheet HTML 8Page - STMicroelectronics STH140N6F7-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
STH140N6F7-2, STH140N6F7-6
Electrical characteristics
DocID025089 Rev 3
5/19
Table 7: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSD(1)
Forward on voltage
VGS = 0 V, ISD = 80 A
-
1.2
V
trr
Reverse recovery
time
ISD = 80 A, di/dt = 100 A/µs,
VDD = 48 V (see Figure 15: "Test
circuit for inductive load switching
and diode recovery times")
-
42.4
ns
Qrr
Reverse recovery
charge
-
38.2
nC
IRRM
Reverse recovery
current
-
1.8
A
Notes:
(1) Pulse test: pulse duration = 300 µs, duty cycle 1.5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com