Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STH170N8F7-2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STH170N8F7-2
Description  High avalanche ruggedness
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH170N8F7-2 Datasheet(HTML) 3 Page - STMicroelectronics

  STH170N8F7-2 Datasheet HTML 1Page - STMicroelectronics STH170N8F7-2 Datasheet HTML 2Page - STMicroelectronics STH170N8F7-2 Datasheet HTML 3Page - STMicroelectronics STH170N8F7-2 Datasheet HTML 4Page - STMicroelectronics STH170N8F7-2 Datasheet HTML 5Page - STMicroelectronics STH170N8F7-2 Datasheet HTML 6Page - STMicroelectronics STH170N8F7-2 Datasheet HTML 7Page - STMicroelectronics STH170N8F7-2 Datasheet HTML 8Page - STMicroelectronics STH170N8F7-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DocID026382 Rev 2
3/15
STH170N8F7-2
Electrical ratings
15
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
80
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
Limited by package and rated according to Rthj-c.
Drain current (continuous)
120
A
ID
(1)
Drain current (continuous) at TC = 100 °C
120
A
IDM
Drain current (pulsed)
480
A
PTOT
(1)
Total dissipation at TC = 25 °C
250
W
TJ
Operating junction temperature
-55 to 175
°C
Tstg
Storage temperature
°C
Table 3. Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
0.6
°C/W
Rthj-pcb
(1)
1.
When mounted on FR-4 board of 1 inch2, 2oz Cu.
Thermal resistance junction-pcb
35
°C/W
Table 4. Avalanche data
Symbol
Parameter
Value
Unit
IAV
Not-repetitive avalanche current,
(pulse width limited by Tjmax)
35
A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID = IAV, VDD = 50 V)
615
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com