Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSAC Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SSAC
Description  1.5mm-travel, with External Knob Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAC Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SSAC_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAC_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAC_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSAC_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
102
102
2-pole, 2-position
Travel
PC board
mounting face
Terminal No.1
2.5
2
3
0.3
1.03
5.5
3
0.3
0.3
1.5 1.5
10.6
10
A
1.5
1.5
a b c
11
1.8 max.
7.15
8-ø0.6 hole
2-ø1.1 hole
3
1.5 1.5
10.6
2
2-pole, 3-position
9.5
1.5
2.5
Travel
7
PC board
mounting face
Terminal No.1
9.1
1.5
1.5
0.3
0.3
7.15
5.5
A
1.8 max.
2
3
0.3
1.03
1
6-ø0.6 hole
1.5 1.5
2-ø1.1 hole
9.1
Unit:mm
Dimensions
Style
No.
PC board mounting hole dimensions
(Viewed from direction A)
Circuit Diagram(Viewed from Direction A)
C
C
12 3
45 6
2-pole, 2-position
Drawing No.1
C
C
12 34
56 78
2-pole, 3-position
Drawing No.2
1.5mm-travel, with External Knob Type
SSAC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com