Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSAC Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSAC
Description  1.5mm-travel, with External Knob Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAC Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSAC_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAC_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAC_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSAC_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
101
101
1.5mm-travel horizontal type with external type knob
1.5mm-travel, with External Knob Type
SSAC
Refer to P.111 for soldering conditions.
100
Japan
Export
1.5
Product Line
2
Poles
2
3
Positions
1
2
Drawing
No.
Horizontal
Actuator
direction
Non shorting
Not specified
Changeover
timing
3.2
Actuator
length(mm)
Travel
(mm)
Press-in
Mounting
method
Manual, Dip
Soldering
8,000
Minimum order unit(pcs.)
Product No.
SSAC120100
SSAC120200
Packing Specifications
Bulk
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
1,600
8,000
400×270×290
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
1mA 5V DC/50μA 3V DC
Contact resistance
(Initial performance / After lifetime)
100mΩ max./200mΩ max.
Operating force
2-position
3-position
2.5±1.5N
a, c → b 2±1.5N
b → a, c 2.5±1.5N
Operating life
Without load
10,000 cycles
With load
10,000 cycles(1mA 5V DC)


Similar Part No. - SSAC_15

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SSAC116 SIRECTIFIER-SSAC116 Datasheet
553Kb / 4P
Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC116GK08 SIRECTIFIER-SSAC116GK08 Datasheet
553Kb / 4P
Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC116GK08 SIRECTIFIER-SSAC116GK08 Datasheet
223Kb / 4P
Solid State AC Switch
SSAC116GK12 SIRECTIFIER-SSAC116GK12 Datasheet
553Kb / 4P
Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC116GK12 SIRECTIFIER-SSAC116GK12 Datasheet
223Kb / 4P
Solid State AC Switch
More results

Similar Description - SSAC_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK10J ALPS-RK10J Datasheet
319Kb / 6P
With Knob Type
SPPH1 ALPS-SPPH1 Datasheet
122Kb / 3P
1.5mm-travel Vertical Type
SPPJ6 ALPS-SPPJ6 Datasheet
204Kb / 2P
1.5mm-travel Low-profile Horizontal Type
SRRQ ALPS-SRRQ Datasheet
146Kb / 3P
With Knob Type
SSAC ALPS-SSAC Datasheet
257Kb / 3P
1.5mm-travel, with External Knob Type
SSAD ALPS-SSAD Datasheet
304Kb / 4P
0.7(H)mm, 1.5mm-travel Surface Mount Type
SSAH ALPS-SSAH Datasheet
315Kb / 4P
0.9(H)mm, 1.5mm-travel Surface Mount Type
SPEF ALPS-SPEF_15 Datasheet
996Kb / 4P
1.5mm-travel Vertical Type
SPPH1 ALPS-SPPH1_15 Datasheet
925Kb / 4P
1.5mm-travel Vertical Type
logo
SHINMEI ELECTRIC CO., L...
SLM-12-741 SHINMEI-SLM-12-741 Datasheet
43Kb / 3P
1.5mm Travel Thin Type Slide Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com