Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECM Datasheet(PDF) 5 Page - XP Power Limited

Part # ECM
Description  Compact Size
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM Datasheet(HTML) 5 Page - XP Power Limited

  ECM Datasheet HTML 1Page - XP Power Limited ECM Datasheet HTML 2Page - XP Power Limited ECM Datasheet HTML 3Page - XP Power Limited ECM Datasheet HTML 4Page - XP Power Limited ECM Datasheet HTML 5Page - XP Power Limited ECM Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Notes
1. Can be configured as -48 VDC input.
2. Input reverse voltage protection is continuous with automatic recovery.
3. Input transients compliant with ETSI EN300 132:2003.
4. For a fitted cover version, add suffix ‘-C’ to model number (power derates by
20% with cover fitted)
5. For full product details contact sales, or visit www.xppower.com
6. 5% minimum load required to meet all specification parameters
Input Voltage Range(1)
Input Current
UVLO
Output
Voltage
Output Current
Model Number
Min(6)
Max
Convection
-cooling
Max - 5CFM
forced
-cooling
36-76 VDC
(48 VDC Nominal)
1.5 A (2.5 A max)
32 - 35 VDC
12 V
0.25 A
5.00 A
5.00 A
DCM6048S12
2.2 A (3.5 A max)
12 V
0.40 A
7.50 A
8.30 A
DCM10048S12
DCM60/100
Models and Ratings
Output Connector J2
Pin
Single
1
12V
2
12V
3
RTN
4
RTN
5
NC
6
NC
Mechanical Details
Notes
1. All dimensions in inches (mm). Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
2. Weight: DCM60: 0.3 lbs (136 g) approx. DCM100: 0.4 lbs (181 g) approx.
3. Cover kits available separately, order part number no. ECM40/60 COVER (4.49 x 2.52 x 1.52 (114 x 64 x 38.5)) for DCM60 or
part no. ECM100 COVER (4.96 x 3.05 x 1.52 (126 x 77.5 x 38.5)) for DCM100. Output power derates by 20% with cover fitted.
6
J2
1
1
2
J1
2.00
(50.8)
1.75
(44.4)
3.75 (95.2)
4.00 (101.6)
0.125 (3.2)
0.12 (3.2)
0.20 (5.1)
0.87 (22.2)
1.61 (41.0)
0.21 (5.4)
SMD Component Height
Ground Connection through
mounting holes
Voltage Adjust
4 x 0.15 (3.9) mounting holes
ø0.31 (7.9) clearance top and bottom
0.14 (3.5)
1.20 (30.5)
+
12
J2
1
1
2
J1
2.50
(63.5)
2.25
(57.1)
4.25 (107.9)
4.50 (114.3)
0.12 (3.2)
0.12 (3.2)
2.10 (53.3)
0.20 (5.1)
0.20 (5.1)
1.29 (32.8)
1.20 (30.5)
SMD Component Height
0.14 (3.5)
Ground Connection through
mounting holes
Voltage Adjust
4 x 0.15 (3.9) mounting holes
ø0.31 (7.9) clearance top and bottom
Input Connector J1
Pin 1
-Vin
Pin 2
+Vin
J1 mates with
Molex housing 43061-0003 &
Molex series 5194 crimp terminals
J2 mates with
Molex housing 43061-0006 &
Molex series 5194 crimp terminals
Output Connector J2
Pin
Single
1
12V
2
12V
3
12V
4
12V
5
RTN
6
RTN
7
RTN
8
RTN
9
NC
10
NC
11
NC
12
NC
Input Connector J1
Pin 1
-Vin
Pin 2
+Vin
J1 mates with
Molex housing 43061-0003 &
Molex series 5194 crimp terminals
DCM60
DCM100
J2 mates with
Molex housing 43061-0012 &
Molex series 5194 crimp terminals



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com