Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECM Datasheet(PDF) 3 Page - XP Power Limited

Part # ECM
Description  Compact Size
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM Datasheet(HTML) 3 Page - XP Power Limited

  ECM Datasheet HTML 1Page - XP Power Limited ECM Datasheet HTML 2Page - XP Power Limited ECM Datasheet HTML 3Page - XP Power Limited ECM Datasheet HTML 4Page - XP Power Limited ECM Datasheet HTML 5Page - XP Power Limited ECM Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ECM60
Models and Ratings
20
10
30
40
50
60
70
80
0 %
75%
Ambient Temp (°C)
0
100%
25%
50%
20
10
30
40
50
60
70
80
0 %
50%
100%
Ambient Temp (°C)
0
75%
25%
Note: Derate by 10% if cover is fitted
Output Connector J2
Pin
Single
Multi
1
V1
+V1
2
V1
+V1
3
RTN
RTN
4
RTN
RTN
5
NC
V3
6
NC
+V2
1. V2 will track a change in V1 by the same percentage change in voltage as V1 is trimmed.
2. To receive unit with cover fitted, add suffix ‘-C’ to model number. For Class I operation only.
3. A 120% peak load can be taken for up to 100 ms with a 25% duty cycle. Average load not to exceed 60 W.
1. All dimensions in inches (mm). Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
2. Weight: 0.33 lbs (150 g) approx.
3. Cable harnesses with 300 mm wire available.
For single output models, order part number ECM40/60S LOOM.
For multi-output models, order part number ECM40/60DT LOOM.
4. Mating connector kit available. Order part number ECM40/60 CONKIT.
5. Covers available. Order part number ECM40/60 COVER^†. Cover dimensions
are 4.49 x 2.52 x 1.52 (114 x 64 x 38.5).
6. Selected single output models available in a 3” x 5” footprint for OEM
quantities. Contact sales for details.
7. 3D drawing files available from www.xppower.com/cad.php.
4 x ø0.156 (3.96) mounting holes
ø0.312 (7.92) clearance top and bottom
0.25 x 0.32 faston ground tab
1.20 (30.5)
0.14 (3.5)
SMD component height
4.00 (101.6)
2.00
(50.8)
1.75
(44.45)
3.75 (95.25)
V Adj.
6
1
J2
Input Connector J1
Pin 1
Line
Pin 2
Neutral
J1 mates with
Molex housing 43061-0003 &
Molex series 5194 crimp terminals.
Ground (0.25 faston) tab standard.
J2 mates with
Molex housing 43061-0006 &
Molex series 5194 crimp terminals.
Derating Curves
Notes
Consult longform datasheet for installation information regarding optimum thermal ratings in convection-cooled applications.
Output Power
Output 1
Output 2
Output 3
Model Number(2)
Voltage
Current
Min/Max(3)
Voltage
Current
Min/Max
Voltage
Current
Min/Max
60 W
5.0 V
0.0 A/12.00 A
ECM60US05
7.0 V
0.0 A/8.60 A
ECM60US07
9.0 V
0.0 A/6.70 A
ECM60US09
12.0 V
0.0 A/5.00 A
ECM60US12
15.0 V
0.0 A/4.00 A
ECM60US15
18.0 V
0.0 A/3.30 A
ECM60US18
20.0 V
0.0 A/3.00 A
ECM60US20
24.0 V
0.0 A/2.50 A
ECM60US24
28.0 V
0.0 A/2.14 A
ECM60US28
33.0 V
0.0 A/1.80 A
ECM60US33
48.0 V
0.0 A/1.25 A
ECM60US48
+5.0 V
0.5 A/8.00 A
+12.0 V
0.1 A/3.0 A
ECM60UD21
+5.0 V
0.5 A/8.00 A
+15.0 V
0.1 A/2.5 A
ECM60UD22
+5.0 V
0.5 A/8.00 A
+12.0 V
0.1 A/3.0 A
-12.0 V
0.0 A/0.5 A
ECM60UT31
+5.0 V
0.5 A/8.00 A
+24.0 V
0.1 A/1.5 A
-12.0 V
0.0 A/0.5 A
ECM60UT32
+5.0 V
0.5 A/8.00 A
+15.0 V
0.1 A/2.5 A
-15.0 V
0.0 A/0.5 A
ECM60UT33
+3.3 V
0.5 A/8.00 A
+5.0 V
0.1 A/1.5 A
+12.0 V
0.0 A/0.5 A
ECM60UT34
+5.0 V
0.5 A/8.00 A
+3.3 V
0.1 A/1.5 A
+12.0 V
0.0 A/0.5 A
ECM60UT35
Mechanical Details
Notes
All ECM60 models convectioncooled
All ECM60 models with 5 CFM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com