Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL7LN80K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL7LN80K5
Description  N-channel 800 V, 0.95 Ω typ., 5 A MDmesh™ K5 Power MOSFET in a PowerFLAT™ 5x6 VHV package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL7LN80K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STL7LN80K5 Datasheet HTML 1Page - STMicroelectronics STL7LN80K5 Datasheet HTML 2Page - STMicroelectronics STL7LN80K5 Datasheet HTML 3Page - STMicroelectronics STL7LN80K5 Datasheet HTML 4Page - STMicroelectronics STL7LN80K5 Datasheet HTML 5Page - STMicroelectronics STL7LN80K5 Datasheet HTML 6Page - STMicroelectronics STL7LN80K5 Datasheet HTML 7Page - STMicroelectronics STL7LN80K5 Datasheet HTML 8Page - STMicroelectronics STL7LN80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
January 2016
DocID028831 Rev 2
1/16
This is information on a product in full production.
www.st.com
STL7LN80K5
N-
channel 800 V, 0.95 Ω typ., 5 A MDmesh™ K5
Power MOSFET in a PowerFLAT™ 5x6 VHV package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STL7LN80K5
800 V
1.15 Ω
5 A
Industry’s lowest R
DS(on) x area
Industry’s best figure of merit (FoM)
Ultra-low gate charge
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
This very high voltage N-channel Power
MOSFET is designed using MDmesh™ K5
technology based on an innovative proprietary
vertical structure. The result is a dramatic
reduction in on-resistance and ultra-low gate
charge for applications requiring superior power
density and high efficiency.
Table 1: Device summary
Order code
Marking
Package
Packing
STL7LN80K5
7LN80K5
PowerFLAT™ 5x6 VHV
Tape and reel
1
2
3
4
PowerFLA
T™ 5x6 VHV
5
6
7
8
1
2
3
4
Top View
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)


Similar Part No. - STL7LN80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL7LN65K5AG STMICROELECTRONICS-STL7LN65K5AG Datasheet
588Kb / 16P
Automotive-grade N-channel 650 V, 0.95 Ω typ., 5 A, MDmesh K5 Power MOSFET in a PowerFLAT 5x6 VHV package
20-Nov-2020
More results

Similar Description - STL7LN80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFI7LN80K5 STMICROELECTRONICS-STFI7LN80K5 Datasheet
699Kb / 12P
N-channel 800 V, 0.95 Ω typ., 5 A MDmesh™K5 Power MOSFET in a I²PAKFP package
15-Dec-2015
STL4LN80K5 STMICROELECTRONICS-STL4LN80K5 Datasheet
682Kb / 14P
N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™K5 Power MOSFET in a PowerFLAT™5x6 VHV package
29-May-2015
STL7LN65K5AG STMICROELECTRONICS-STL7LN65K5AG Datasheet
588Kb / 16P
Automotive-grade N-channel 650 V, 0.95 Ω typ., 5 A, MDmesh K5 Power MOSFET in a PowerFLAT 5x6 VHV package
20-Nov-2020
STB14N80K5 STMICROELECTRONICS-STB14N80K5 Datasheet
907Kb / 16P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a D²PAK package
18-Feb-2016
STD10LN80K5 STMICROELECTRONICS-STD10LN80K5 Datasheet
842Kb / 17P
N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a DPAK package
09-Mar-2016
STB30N80K5 STMICROELECTRONICS-STB30N80K5 Datasheet
940Kb / 16P
N-channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5 Power MOSFET in a D²PAK package
06-Jul-2016
STB10LN80K5 STMICROELECTRONICS-STB10LN80K5 Datasheet
920Kb / 16P
N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a D²PAK package
08-Feb-2016
STD4LN80K5 STMICROELECTRONICS-STD4LN80K5 Datasheet
814Kb / 15P
N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™ K5 Power MOSFET in a DPAK package
18-May-2016
STD9N80K5 STMICROELECTRONICS-STD9N80K5 Datasheet
387Kb / 19P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFET in a DPAK package
12-Nov-2018
STL10LN80K5 STMICROELECTRONICS-STL10LN80K5 Datasheet
833Kb / 17P
N-channel 800 V, 0.59 Ω typ., 6 A MDmesh™ K5 Power MOSFET in a PowerFLAT™ 5x6 VHV package
09-Feb-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com