Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEL05 Datasheet(PDF) 4 Page - XP Power Limited

Part # VEL05
Description  AC-DC Power Supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VEL05 Datasheet(HTML) 4 Page - XP Power Limited

  VEL05 Datasheet HTML 1Page - XP Power Limited VEL05 Datasheet HTML 2Page - XP Power Limited VEL05 Datasheet HTML 3Page - XP Power Limited VEL05 Datasheet HTML 4Page - XP Power Limited VEL05 Datasheet HTML 5Page - XP Power Limited VEL05 Datasheet HTML 6Page - XP Power Limited VEL05 Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VEL05 Series
www.xppower.com
4
DC-DC Converter
Mechanical Details
VEL05US-UK-BB
VEL05US-UK-MB/UB/JA
1.7 (43.1)
0.87
(22.2)
0.87
(22.2)
1.28 (32.6)
70°
60°
0.15
(3.9)
0.06
(1.8)
0.31 (7.8)
1.69 (42.9)
0.35 (9.0)
0.69 (17.6)
0.89 (22.7)
60°
3.93
(0.15)
0.25
(6.3)
2.17 (55.1)
1.95
(49.5)
0.95
(24.1)
1.7 (43.1)
0.87
(22.2)
0.87
(22.2)
1.28 (32.6)
70°
60°
0.15
(3.9)
0.06
(1.8)
0.31 (7.8)
1.69 (42.9)
0.35 (9.0)
0.69 (17.6)
0.89 (22.7)
60°
3.93
(0.15)
0.25
(6.3)
2.17 (55.1)
1.95
(49.5)
0.95
(24.1)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com