Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEL05 Datasheet(PDF) 1 Page - XP Power Limited

Part # VEL05
Description  AC-DC Power Supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VEL05 Datasheet(HTML) 1 Page - XP Power Limited

  VEL05 Datasheet HTML 1Page - XP Power Limited VEL05 Datasheet HTML 2Page - XP Power Limited VEL05 Datasheet HTML 3Page - XP Power Limited VEL05 Datasheet HTML 4Page - XP Power Limited VEL05 Datasheet HTML 5Page - XP Power Limited VEL05 Datasheet HTML 6Page - XP Power Limited VEL05 Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VEL05 Series
AC-DC Power Supplies
xxx Series
www.xppower.com
1
Models & Ratings
Notes
1. Other output voltages available, contact sales for details.
2. Total regulation includes initial set accuracy, line and load regulation.
3. Typical average of efficiencies measured at 25%, 50%, 75% and 100% load
and 115 VAC input.
4. Replace ‘XX’ in model number with ‘US’ for US mains plug, ‘UK’ for UK mains
plug or ‘EU’ for European mains plug.
Dimensions:
VEL (body only):
-US: 2.17 x 0.95 x 1.40” (55.1 x 24.1 x 35.49 mm)
-EU: 2.17 x 0.95 x 1.40” (55.1 x 24.1 x 35.49 mm)
-UK: 2.17 x 1.95 x 1.69” (55.1 x 49.5 x 42.9 mm)
5 Watt
Output Power
Output Voltage
Output Current
Total Regulation(2)
Efficiency
Output Connector
Model Number(4)
5 W
5.0 V
1000 mA
5%
77%
USB A in case
VEL05US050-XX-BB
5.0 V
1000 mA
5%
74%
Mini USB B
VEL05US050-XX-MB
5.0 V
1000 mA
5%
74%
Micro USB B
VEL05US050-XX-UB
5.0 V
1000 mA
5%
75%
5.5 x 2.1 x 12 mm DC Jack
VEL05US050-XX-JA
6.0 V
830 mA
5%
78%
5.5 x 2.1 x 12 mm DC Jack
VEL05US060-XX-JA
9.0 V
550 mA
5%
78%
5.5 x 2.1 x 12 mm DC Jack
VEL05US090-XX-JA
12.0 V
420 mA
5%
79%
5.5 x 2.1 x 12 mm DC Jack
VEL05US120-XX-JA
• Energy Efficiency Level VI
• Barrel Jack & USB Versions
• Fixed Mains Connectors
• Universal Input
• Output Voltages from 5.0 V to 12.0 V
• Class II Construction
• Low Cost
B R A N D
Input
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage
90
264
VAC
Input Frequency
47
63
Hz
Input Current
0.25
A
100 VAC
Inrush Current
60
A
240 VAC, cold start at 25 °C
Power Factor
EN61000-3-2, class A
No Load Input Power
<0.1
W
Input Protection
Internal T1.0A/250 VAC fuse
The VEL05 series of wall plug adaptors comply with the very latest energy efficiency VI standards
with high active mode efficiency and extremely low no load power consumption. Available with
multiple USB options in addition to the standard jack plug connector these adaptors suit a wide
variety of cost sensitive applications while maintaining industry leading performance.


Similar Part No. - VEL05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
VEL05 XPPOWER-VEL05 Datasheet
1,002Kb / 7P
AC-DC Power Supplies
VEL05US050-XX-BB XPPOWER-VEL05US050-XX-BB Datasheet
1,002Kb / 7P
AC-DC Power Supplies
VEL05US050-XX-JA XPPOWER-VEL05US050-XX-JA Datasheet
1,002Kb / 7P
AC-DC Power Supplies
VEL05US050-XX-MB XPPOWER-VEL05US050-XX-MB Datasheet
1,002Kb / 7P
AC-DC Power Supplies
VEL05US050-XX-UB XPPOWER-VEL05US050-XX-UB Datasheet
1,002Kb / 7P
AC-DC Power Supplies
More results

Similar Description - VEL05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
AC-DC Power Supplies
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
AC-DC Power Supplies
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
AC-DC Power Supplies
SDR250AS05-F XPPOWER-SDR250AS05-F Datasheet
285Kb / 4P
AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com