Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL19N65M5 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STL19N65M5
Description  Excellent switching performance
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL19N65M5 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STL19N65M5 Datasheet HTML 4Page - STMicroelectronics STL19N65M5 Datasheet HTML 5Page - STMicroelectronics STL19N65M5 Datasheet HTML 6Page - STMicroelectronics STL19N65M5 Datasheet HTML 7Page - STMicroelectronics STL19N65M5 Datasheet HTML 8Page - STMicroelectronics STL19N65M5 Datasheet HTML 9Page - STMicroelectronics STL19N65M5 Datasheet HTML 10Page - STMicroelectronics STL19N65M5 Datasheet HTML 11Page - STMicroelectronics STL19N65M5 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical characteristics
STL19N65M5
8/17
DocID024984 Rev 1
Figure 14. Switching losses vs gate
resistance (1)
1.
Eon including reverse recovery of a SiC diode
E
0
0
20
RG(
Ω)
(µJ)
10
30
20
40
40
ID=9.5 A
VDD=400 V
Eon
Eoff
60
VGS=10 V
80
160
100
120
140
AM15771v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com