Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL20DNF06LAG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL20DNF06LAG
Description  Automotive-grade dual N-channel 60 V
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL20DNF06LAG Datasheet(HTML) 1 Page - STMicroelectronics

  STL20DNF06LAG Datasheet HTML 1Page - STMicroelectronics STL20DNF06LAG Datasheet HTML 2Page - STMicroelectronics STL20DNF06LAG Datasheet HTML 3Page - STMicroelectronics STL20DNF06LAG Datasheet HTML 4Page - STMicroelectronics STL20DNF06LAG Datasheet HTML 5Page - STMicroelectronics STL20DNF06LAG Datasheet HTML 6Page - STMicroelectronics STL20DNF06LAG Datasheet HTML 7Page - STMicroelectronics STL20DNF06LAG Datasheet HTML 8Page - STMicroelectronics STL20DNF06LAG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
September 2015
DocID028242 Rev 1
1/15
This is information on a product in full production.
www.st.com
STL20DNF06LAG
Automotive-grade dual N-channel 60 V, 27
mΩ typ., 20 A STripFET™ II
Power MOSFET in a
PowerFLAT™ 5x6 double island package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STL20DNF06LAG
60 V
40 mΩ
20 A
75 W
Designed for Automotive applications and
AEC-Q101 qualified
PowerFLAT™ 5x6 double island with
wettable flanks
Logic level VGS(th)
Maximum junction temperature: TJ = 175 °C
Applications
Switching applications
Description
This Power MOSFET series realized with
STMicroelectronics unique STripFET™ process
is specifically designed to minimize input
capacitance and gate charge. It is therefore ideal
as a primary switch in advanced high-efficiency
isolated DC-DC converters for Telecom and
Computer applications. It is also suitable for any
application with low gate charge drive
requirements.
Table 1: Device summary
Order code
Marking
Package
Packing
STL20DNF06LAG
20DNF06L
PowerFLAT™ 5x6 double island
Tape and reel


Similar Part No. - STL20DNF06LAG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL20DN10F7 STMICROELECTRONICS-STL20DN10F7 Datasheet
900Kb / 14P
N-channel enhancement mode
02-Apr-2014
More results

Similar Description - STL20DNF06LAG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD40N06-14L-GE3 VISHAY-SQD40N06-14L-GE3 Datasheet
160Kb / 9P
Automotive N-Channel 60 V (D-S)
30-Jul-12
SQ9945BEY VISHAY-SQ9945BEY_15 Datasheet
296Kb / 11P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
10-Aug-15
SQJ960EP VISHAY-SQJ960EP_15 Datasheet
228Kb / 12P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
17-Aug-15
logo
STMicroelectronics
STW22N95K5 STMICROELECTRONICS-STW22N95K5 Datasheet
884Kb / 14P
Automotive-grade N-channel 950 V
20-Mar-2014
STL20NF06LAG STMICROELECTRONICS-STL20NF06LAG Datasheet
946Kb / 14P
Automotive-grade N-channel 60 V
September 2015 Rev 1
STL135N8F7AG STMICROELECTRONICS-STL135N8F7AG Datasheet
1,003Kb / 14P
Automotive-grade N-channel 80 V
January 2016 Rev 3
logo
Vishay Siliconix
SQ4946CEY VISHAY-SQ4946CEY Datasheet
214Kb / 8P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
26-Jan-2021
SQS966ENW VISHAY-SQS966ENW Datasheet
603Kb / 11P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
27-May-2019
SQJ968EP VISHAY-SQJ968EP_V01 Datasheet
198Kb / 11P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
20-Jun-16
logo
STMicroelectronics
STH272N6F7-6AG STMICROELECTRONICS-STH272N6F7-6AG Datasheet
808Kb / 15P
Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A
17-Mar-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com