Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4524 Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT4524
Description  40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4524 Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT4524 Datasheet HTML 1Page - Active-Semi, Inc ACT4524 Datasheet HTML 2Page - Active-Semi, Inc ACT4524 Datasheet HTML 3Page - Active-Semi, Inc ACT4524 Datasheet HTML 4Page - Active-Semi, Inc ACT4524 Datasheet HTML 5Page - Active-Semi, Inc ACT4524 Datasheet HTML 6Page - Active-Semi, Inc ACT4524 Datasheet HTML 7Page - Active-Semi, Inc ACT4524 Datasheet HTML 8Page - Active-Semi, Inc ACT4524 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ACT4524
Rev 0, 28-Jul-15
Innovative Power
TM
- 5 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
FUNCTIONAL BLOCK DIAGRAM
FUNCTIONAL DESCRIPTION
Output Current Sensing and Regulation
The conventional cycle-by-cycle peak current mode
is implemented with high-side FET current sense.
Sense resistors are connected to the channel 1 and
channel 2 outputs, respectively. The sensed
differential voltage is compared with interval
reference to regulate current. CC loop and CV loop
are in parallel. The current loop response is allowed
to have slower response compared to voltage loop.
However, during current transient response, the
inductor current overshoot/undershoot should be
controlled
within
+/-25%
to
avoid
inductor
saturation.
Input Over Voltage Protection
The converter is disabled if the input voltage is
above 42V (+/-2V). Device resumes operation
automatically 40ms after OVP is cleared.
Output Over Voltage Protection
Device stops switching when output over-voltage is
sensed, and resumes operation automatically when
output voltage drops to OVP- hysteresis.
Output Under-Voltage Protection /
Hiccup Mode
There is a under voltage protection (UVP)
threshold. If the UVP threshold is hit for 10us, an
over current or short circuit is assumed, and the
converter goes into hiccup mode by disabling the
converter and restarts in 4 seconds and restarts.
Cord Compensation
In some applications, the output voltage is
increased with output current to compensate the
potential voltage drop across output cable. The
compensation is based on the high side feedback
resistance.
The compensation voltage is derived as:
ΔVout = (VCSP-VCSN1)*K
Where VCSP-VCSN1=60mV and K=5/6. This voltage
difference could be added on the reference or
turning the (VCSP-VCSN) voltage into a sink current at
FB pin to pull Vout higher than programmed
voltage.
The cord compensation loop should be very slow to
avoid potential disturbance to the voltage loop. The
voltage loop should be sufficiently stable on various
cord compensation setting.
Thermal Shutdown
If the TJ increases beyond 160°C, ACT4524 goes
into HZ mode and the timer is preserved until TJ
drops by 30°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com