Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4533C Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT4533C
Description  Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4533C Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT4533C Datasheet HTML 1Page - Active-Semi, Inc ACT4533C Datasheet HTML 2Page - Active-Semi, Inc ACT4533C Datasheet HTML 3Page - Active-Semi, Inc ACT4533C Datasheet HTML 4Page - Active-Semi, Inc ACT4533C Datasheet HTML 5Page - Active-Semi, Inc ACT4533C Datasheet HTML 6Page - Active-Semi, Inc ACT4533C Datasheet HTML 7Page - Active-Semi, Inc ACT4533C Datasheet HTML 8Page - Active-Semi, Inc ACT4533C Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
FEATURES
40V Input Voltage Surge
36V Steady State Operation
Up to 3.5A output current
Output Voltage up to 18V
125kHz Switching Frequency Eases EMI Design
91% Efficiency (Vout=5V@2.4A at Vin=12V)
Stable with Low-ESR Ceramic Capacitors to
Allow Low-Profile Designs
Integrated Over Voltage Protection
Excellent EMI Performance
Patented ActiveCC Sensorless Constant Current
Control Improves Efficiency and Lowers Cost.
Resistor Programmable
Current Limit from 1.5A to 4.0A
Patented Cable Compensation from 0 to
0.25Ω
±7.5% CC Accuracy
Compensation of Input /Output Voltage Change
Temperature Compensation
Independent of inductance and Inductor DCR
2% Feedback Voltage Accuracy
Advanced Feature Set
Integrated Soft Start
Thermal Shutdown
Secondary Cycle-by-Cycle Current Limit
Protection Against Shorted ISET Pin
SOP-8EP Package
APPLICATIONS
Car Charger/ Adaptor
Rechargeable Portable Devices
General-Purpose CV/CC Power Supply
GENERAL DESCRIPTION
ACT4533C is a wide input voltage, high efficiency
ActiveCC step-down DC/DC converter that operates
in either CV (Constant Output Voltage) mode or CC
(Constant Output Current) mode. ACT4533C
provides up to 3.5A output current at 125kHz
switching frequency.
ActiveCC is a patented control scheme to achieve
high-accuracy sensorless constant current control.
ActiveCC eliminates the expensive, high accuracy
current sense resistor, making it ideal for CLA
applications.
ACT4533C integrates adaptive gate drive to
achieve
excellent
EMI
performance
passing
EN55022 Class B EMC standard without adding
additional EMI components while maintaining high
conversion efficiency.
Protection features include cycle-by-cycle current
limit, thermal shutdown, and frequency foldback at
short circuit. The devices are available in a SOP-
8EP package and require very few external devices
for operation.
ACT4533C
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 14-Nov-14
Output Current (A)
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
CC/CV Curve
VIN = 18V
VIN = 24V
VIN = 12V


Similar Part No. - ACT4533C

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4533 ACTIVE-SEMI-ACT4533 Datasheet
602Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 25-Feb-13
ACT4533A ACTIVE-SEMI-ACT4533A Datasheet
452Kb / 18P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
logo
Qorvo, Inc
ACT4533AB QORVO-ACT4533AB Datasheet
3Mb / 19P
Wide Input Sensorless CC/CV Step-Down DC/DC Converter
Rev. B, January 2025
logo
Active-Semi, Inc
ACT4533AYH-T ACTIVE-SEMI-ACT4533AYH-T Datasheet
452Kb / 18P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
ACT4533AYH-T ACTIVE-SEMI-ACT4533AYH-T Datasheet
452Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
More results

Similar Description - ACT4533C

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4513 ACTIVE-SEMI-ACT4513 Datasheet
664Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 29-Jul-11
ACT4514 ACTIVE-SEMI-ACT4514 Datasheet
472Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 21-Jul-11
ACT4513 ACTIVE-SEMI-ACT4513_12 Datasheet
673Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
ACT4515 ACTIVE-SEMI-ACT4515_12 Datasheet
463Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4513 ACTIVE-SEMI-ACT4513_14 Datasheet
678Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
ACT4515 ACTIVE-SEMI-ACT4515_14 Datasheet
462Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4533 ACTIVE-SEMI-ACT4533 Datasheet
602Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 25-Feb-13
ACT4533A ACTIVE-SEMI-ACT4533A Datasheet
452Kb / 18P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
ACT4523A ACTIVE-SEMI-ACT4523A Datasheet
400Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 25-Jul-13
EA4533BYH ACTIVE-SEMI-EA4533BYH Datasheet
452Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com