Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4533C Datasheet(PDF) 12 Page - Active-Semi, Inc

Part # ACT4533C
Description  Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4533C Datasheet(HTML) 12 Page - Active-Semi, Inc

Back Button ACT4533C Datasheet HTML 8Page - Active-Semi, Inc ACT4533C Datasheet HTML 9Page - Active-Semi, Inc ACT4533C Datasheet HTML 10Page - Active-Semi, Inc ACT4533C Datasheet HTML 11Page - Active-Semi, Inc ACT4533C Datasheet HTML 12Page - Active-Semi, Inc ACT4533C Datasheet HTML 13Page - Active-Semi, Inc ACT4533C Datasheet HTML 14Page - Active-Semi, Inc ACT4533C Datasheet HTML 15Page - Active-Semi, Inc ACT4533C Datasheet HTML 16Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ACT4533C
Rev 1, 14-Nov-14
Innovative Power
TM
- 12 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS
(Schematic as shown in Figure 9, Ta = 25°C, unless otherwise specified)
2780
2740
2700
2660
2620
2580
Temperature (°C)
-20
10
40
70
100
130
CC Current vs. Temperature
CC Current vs. Input Voltage
2850
2800
2750
2700
2650
2660
Input Voltage (V)
10
15
20
25
30
35
40
Maximum Peak Current vs. Duty Cycle
9.0
8.0
7.0
6.0
5.0
4.0
3.0
Duty Cycle
10
20
30
40
50
90
60
70
80
Input Voltage (V)
10
15
20
25
30
40
35
Switching Frequency vs. Input Voltage
145
140
135
130
125
120
115
110
Switching Frequency vs. Feedback Voltage
150
120
90
60
30
0
Feedback Voltage (mV)
0
100
200
300
400
500
600
700
800
900
VOUT = 5V
VIN = 12V
IISET = 2.65A
Load Current (A)
0
0.4
0.8
1.2
1.6
3.6
2.8
3.2
2.0
2.4
100
85
80
75
70
65
60
95
90
VIN =12V
VIN =18V
VOUT = 5V
VIN =24V
Efficiency vs. Load current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com