Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEB2055 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # PEB2055
Description  ICs for Communications Extended PCM Interface Controller
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2055 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button PEB2055 Datasheet HTML 45Page - Infineon Technologies AG PEB2055 Datasheet HTML 46Page - Infineon Technologies AG PEB2055 Datasheet HTML 47Page - Infineon Technologies AG PEB2055 Datasheet HTML 48Page - Infineon Technologies AG PEB2055 Datasheet HTML 49Page - Infineon Technologies AG PEB2055 Datasheet HTML 50Page - Infineon Technologies AG PEB2055 Datasheet HTML 51Page - Infineon Technologies AG PEB2055 Datasheet HTML 52Page - Infineon Technologies AG PEB2055 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 269 page
background image
PEB 2055
PEF 2055
Detailed Register Description
Semiconductor Group
49
AIS1..0
Alternative Input Selection.
These bits determine the relationship between the physical pins and the
logical port numbers. The logical port numbers are used when programming
the switching functions.
Note: In PCM-mode 0 these bits may not be set!
AIC1
Alternate Input Comparison 1.
0…input comparison of port 2 and 3 is disabled
1…the inputs of port 2 and 3 are compared
AIC0
Alternate Input Comparison 0.
0…input comparison of port 0 and 1 is disabled
1…the inputs of port 0 and 1 are compared
Note: The comparison function is operational in all PCM modes; however, a redundant
PCM line which can be switched over to by means of the PMOD:AIS bits is only
available in PCM modes 1 and 2.
PCM
Mode
Port 0
Port 1
Port 2
Port 3
RxD0
TxD0
TSC0
RxD1
TxD1
TSC1
RxD2
TxD2
TSC2
RxD3
TxD3
TSC3
0
IN0
OUT0
val0
IN1
OUT1
val1
IN2
OUT2
val2
IN3
OUT3
val3
1IN0
(AIS0=1)
OUT0
val0
IN0
(AIS0=0)
tristate
AIS0
IN1
(AIS1=1)
OUT1
val1
IN1
(AIS1=0)
tristate AIS1
2not
active
OUT
val
not active tristate
AIS0
IN
(AIS1=1)
undef.
undef.
IN
(AIS1=0)
tristate AIS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com