Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0102 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0102
Description  Channel Bidirectional Multi-Voltage Level Translator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LSF0102 Datasheet HTML 7Page - Texas Instruments LSF0102 Datasheet HTML 8Page - Texas Instruments LSF0102 Datasheet HTML 9Page - Texas Instruments LSF0102 Datasheet HTML 10Page - Texas Instruments LSF0102 Datasheet HTML 11Page - Texas Instruments LSF0102 Datasheet HTML 12Page - Texas Instruments LSF0102 Datasheet HTML 13Page - Texas Instruments LSF0102 Datasheet HTML 14Page - Texas Instruments LSF0102 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Vref_A
Vref_B
2
19
3
4
5
6
20
EN
18
17
16
15
1
GND
A1
A2
A3
A4
B1
B2
B3
B4
SW
7
8
9
10
14
13
12
11
A5
A6
A7
A8
B5
B6
B7
B8
LSF0108
SW
SW
SW
SW
SW
SW
SW
11
LSF0101, LSF0102, LSF0108
www.ti.com
SDLS966G – DECEMBER 2013 – REVISED FEBRUAURY 2016
Product Folder Links: LSF0101 LSF0102 LSF0108
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Functional Block Diagrams (continued)
Figure 5. LSF0108 Functional Block Diagram
8.3 Feature Description
The LSF family are bidirectional voltage level translators operational from 0.95 to 4.5 V (Vref_A) and 1.8 to 5.5 V
(Vref_B). This allows bidirectional voltage translations between 1 V and 5 V without the need for a direction pin in
open-drain or push-pull applications. LSF family supports level translation applications with transmission speeds
greater than 100 Mbps for open-drain systems using a 30-pF capacitance and 250-
Ω pullup resistor.
When the An or Bn port is LOW, the switch is in the ON-state and a low resistance connection exists between
the An and Bn ports. The low Ron of the switch allows connections to be made with minimal propagation delay
and signal distortion. Assuming the higher voltage is on the Bn port when the Bn port is HIGH, the voltage on the
An port is limited to the voltage set by Vref_A. When the An port is HIGH, the Bn port is pulled to the drain pull-
up supply voltage (Vpu#) by the pull-up resistors. This functionality allows a seamless translation between higher
and lower voltages selected by the user without the need for directional control.
The supply voltage (Vpu#) for each channel can be individually set up with a pull-up resistor. For example, CH1
can be used in up-translation mode (1.2 V
↔ 3.3 V) and CH2 in down-translation mode (2.5 V ↔ 1.8 V).
When EN is HIGH, the translator switch is on, and the An I/O is connected to the Bn I/O, respectively, allowing
bidirectional data flow between ports. When EN is LOW, the translator switch is off, and a high-impedance state
exists between ports. The EN input circuit is designed to be supplied by Vref_B. To ensure the high-impedance
state during power-up or power-down, EN must be LOW.
8.4 Device Functional Modes
Table 1 expresses the functional modes of the LSF devices.
(1)
EN is controlled by Vref_B logic levels and should be at least 1 V
higher than Vref_A for best translator.
Table 1. Function Table
INPUT EN(1) PIN
FUNCTION
H
An = Bn
L
H-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com