Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0102 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0102
Description  Channel Bidirectional Multi-Voltage Level Translator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LSF0102 Datasheet HTML 10Page - Texas Instruments LSF0102 Datasheet HTML 11Page - Texas Instruments LSF0102 Datasheet HTML 12Page - Texas Instruments LSF0102 Datasheet HTML 13Page - Texas Instruments LSF0102 Datasheet HTML 14Page - Texas Instruments LSF0102 Datasheet HTML 15Page - Texas Instruments LSF0102 Datasheet HTML 16Page - Texas Instruments LSF0102 Datasheet HTML 17Page - Texas Instruments LSF0102 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
0.1
1
10
100
1000
Frequency (MHz)
14
LSF0101, LSF0102, LSF0108
SDLS966G – DECEMBER 2013 – REVISED FEBRUAURY 2016
www.ti.com
Product Folder Links: LSF0101 LSF0102 LSF0108
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
9.2.1.2.3
LSF Family Bandwidth
The maximum frequency of the LSF family is dependent on the application. The device can operate at speeds of
>100 MHz gave the correct conditions. The maximum frequency is dependent upon the loading of the
application. The LSF family behaves like a standard switch where the bandwidth of the device is dictated by the
on resistance and on capacitance of the device.
Figure 7 shows a bandwidth measurement of the LSF family using a two-port network analyzer.
Figure 7. 3-dB Bandwidth
The 3-dB point of the LSF family is
≈ 600 MHz; however, this measurement is an analog type of measurement.
For digital applications the signal should not degrade up to the fifth harmonic of the digital signal. The frequency
bandwidth should be at least five times the maximum digital clock rate. This component of the signal is very
important in determining the overall shape of the digital signal. In the case of the LSF family, a digital clock
frequency of greater than 100 MHz can be achieved.
The LSF family does not provide any drive capability. Therefore higher frequency applications will require higher
drive strength from the host side. No pull-up resistor is needed on the host side (3.3 V) if the LSF family is being
driven by standard CMOS totem pole output driver. Ideally, it is best to minimize the trace length from the LSF
family on the sink side (1.8 V) to minimize signal degradation.
All fast edges have an infinite spectrum of frequency components; however, there is an inflection (or knee) in the
frequency spectrum of fast edges where frequency components higher than ƒknee are insignificant in determining
the shape of the signal.
To calculate the maximum practical frequency component, or the knee frequency (fknee), use the following
equations:
ƒknee = 0.5 / RT (10 – 80%)
(2)
ƒknee = 0.4 / RT (20 – 80%)
(3)
For signals with rise time characteristics based on 10% to 90% thresholds, fknee is equal to 0.5 divided by the rise
time of the signal. For signals with rise time characteristics based on 20% to 80% thresholds, which is very
common in many of today's device specifications, ƒknee is equal to 0.4 divided by the rise time of the signal.
Some guidelines to follow that will help maximize the performance of the device:
•
Keep trace length to a minimum by placing the LSF family close to the I2C output of the processor.
•
The trace length should be less than half the time of flight to reduce ringing and line reflections or non-
monotonic behavior in the switching region.
•
To reduce overshoots, a pull-up resistor can be added on the 1.8 V side; be aware that a slower fall time is to
be expected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com