Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC14ADRG3 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC14ADRG3
Description  Hex Schmitt-Trigger Inverters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC14ADRG3 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74LVC14ADRG3 Datasheet HTML 8Page - Texas Instruments SN74LVC14ADRG3 Datasheet HTML 9Page - Texas Instruments SN74LVC14ADRG3 Datasheet HTML 10Page - Texas Instruments SN74LVC14ADRG3 Datasheet HTML 11Page - Texas Instruments SN74LVC14ADRG3 Datasheet HTML 12Page - Texas Instruments SN74LVC14ADRG3 Datasheet HTML 13Page - Texas Instruments SN74LVC14ADRG3 Datasheet HTML 14Page - Texas Instruments SN74LVC14ADRG3 Datasheet HTML 15Page - Texas Instruments SN74LVC14ADRG3 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
LVC14A
(x6)
MCU
(MSP43x)
Push Butt on
GND
1Y
VCC
1A
VCC = 5 V
VCC = 5 V
SN54LVC14A, SN74LVC14A
SCAS285AA – MARCH 1993 – REVISED JUNE 2015
www.ti.com
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
Physically interactive interface elements like push buttons or rotary knobs offer simple and easy ways to interact
with an electronic system. Many of these physical interface elements often have issues with bouncing, or where
the physical conductive contact can connect and disconnect multiple times during a button push or release. This
bouncing can cause one or more faulty transient signals to be passed during this transitional period. These faulty
signals can be observed in many common applications: for example, a television remote with bouncing error can
adjust the TV channel multiple times despite the button being pushed only once. In order to mitigate these faulty
signals, we can use a Schmitt-trigger, or a device with hysteresis, to remove these faulty signals. Hysteresis
allows a device to "remember" its history, and in this case, the LVC14A uses this memory to debounce the
physical element's signal, or filter the faulty transient signals and pass only the valid signal each time the element
is used. In this example, we show a push button signal passed through an LVC14A that is debounced and
inverted to the MCU for push detection.
10.2 Typical Application
The signal effects of the debounce circuit can be seen when comparing Figure 5 and Figure 6. In Figure 5, the
input is a very poor quality signal due to the error in the physical push button. If the MCU attempts to sample this
input to detect a push, there is high probability that multiple push events will be falsely detected. Once the
debounce circuit has been implemented, the input is cleaned up, and the MCU can perform push detection
without any error, as seen in Figure 6.
Figure 4. Debouncer Application Diagram
10.2.1 Design Requirements
The SN74LVC14A device uses CMOS technology and has balanced output drive. Take care to avoid bus
contention because it can drive currents that would exceed maximum limits.
The SN74LVC14A allows for performing logical Boolean functions with hysteresis using digital signals. All input
signals should remain as close as possible to either 0 V or VCC for optimal operation.
12
Submit Documentation Feedback
Copyright © 1993–2015, Texas Instruments Incorporated
Product Folder Links: SN54LVC14A SN74LVC14A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com