Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC14ADRG3 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC14ADRG3
Description  Hex Schmitt-Trigger Inverters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC14ADRG3 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LVC14ADRG3 Datasheet HTML 9Page - Texas Instruments SN74LVC14ADRG3 Datasheet HTML 10Page - Texas Instruments SN74LVC14ADRG3 Datasheet HTML 11Page - Texas Instruments SN74LVC14ADRG3 Datasheet HTML 12Page - Texas Instruments SN74LVC14ADRG3 Datasheet HTML 13Page - Texas Instruments SN74LVC14ADRG3 Datasheet HTML 14Page - Texas Instruments SN74LVC14ADRG3 Datasheet HTML 15Page - Texas Instruments SN74LVC14ADRG3 Datasheet HTML 16Page - Texas Instruments SN74LVC14ADRG3 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
V
BUT
t
V
BUT
t
SN54LVC14A, SN74LVC14A
www.ti.com
SCAS285AA – MARCH 1993 – REVISED JUNE 2015
Typical Application (continued)
10.2.2 Detailed Design Procedure
1. Recommended input conditions:
–
For rise time and fall time specifications, see
Δt/Δv in the table.
–
For specified high and low levels, see VIH and VIL in the table.
–
Inputs and outputs are overvoltage tolerant and can therefore go as high as 3.6 V at any valid VCC.
2. Recommended output conditions:
–
Load currents should not exceed ±50 mA.
3. Frequency selection criterion:
–
Added trace resistance and capacitance can reduce maximum frequency capability; follow the layout
practices listed in the section.
10.2.3 Application Curves
Figure 5. Input Response Without Debounce Circuit
Figure 6. Input Response With Debounce Circuit
Copyright © 1993–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: SN54LVC14A SN74LVC14A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com