Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC257APWLE Datasheet(PDF) 12 Page - Texas Instruments

Part # SN74LVC257APWLE
Description  Quadruple 2-Line to 1-Line Data Selectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC257APWLE Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74LVC257APWLE Datasheet HTML 8Page - Texas Instruments SN74LVC257APWLE Datasheet HTML 9Page - Texas Instruments SN74LVC257APWLE Datasheet HTML 10Page - Texas Instruments SN74LVC257APWLE Datasheet HTML 11Page - Texas Instruments SN74LVC257APWLE Datasheet HTML 12Page - Texas Instruments SN74LVC257APWLE Datasheet HTML 13Page - Texas Instruments SN74LVC257APWLE Datasheet HTML 14Page - Texas Instruments SN74LVC257APWLE Datasheet HTML 15Page - Texas Instruments SN74LVC257APWLE Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
–100
–80
–60
–40
–20
0
20
40
60
–1
–0.5 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TA = 25°C, VCC = 3 V,
VIH = 3 V, VIL = 0 V,
All Outputs Switching
VOH – V
VOL – V
–20
0
20
40
60
80
100
–0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
TA = 25°C, VCC = 3 V,
VIH = 3 V, VIL = 0 V,
All Outputs Switching
SN54LVC257A, SN74LVC257A
SCAS294O – JANUARY 1993 – REVISED JUNE 2015
www.ti.com
Typical Application (continued)
10.2.2 Detailed Design Procedure
1. Recommended Input Conditions
–
For rise time and fall time specification, see (
Δt/ΔV) in the Recommended Operating Conditions table.
–
For specified high and low levels, see (VIH and VIL) in the Recommended Operating Conditions table.
–
Inputs are over voltage tolerant allowing them to go as high as (VI max) in the Recommended Operating
Conditions table at any valid VCC.
2. Recommend Output Conditions
–
Load currents must not exceed (IO max) per output and must not exceed (continuous current through VCC
or GND) total current for the part. These limits are in the Recommended Operating Conditions table.
–
Outputs must not be pulled above VCC.
10.2.3 Application Curves
Figure 5. Output Drive Current (IOL)
Figure 6. Output Drive Current (IOH)
vs LOW-level Output Voltage (VOL)
vs HIGH-level Output Voltage (VOH)
12
Submit Documentation Feedback
Copyright © 1993–2015, Texas Instruments Incorporated
Product Folder Links: SN54LVC257A SN74LVC257A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com