Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLVH431BIL3T Datasheet(PDF) 11 Page - STMicroelectronics

Part # TLVH431BIL3T
Description  Programmable shunt voltage reference
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLVH431BIL3T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TLVH431BIL3T Datasheet HTML 7Page - STMicroelectronics TLVH431BIL3T Datasheet HTML 8Page - STMicroelectronics TLVH431BIL3T Datasheet HTML 9Page - STMicroelectronics TLVH431BIL3T Datasheet HTML 10Page - STMicroelectronics TLVH431BIL3T Datasheet HTML 11Page - STMicroelectronics TLVH431BIL3T Datasheet HTML 12Page - STMicroelectronics TLVH431BIL3T Datasheet HTML 13Page - STMicroelectronics TLVH431BIL3T Datasheet HTML 14Page - STMicroelectronics TLVH431BIL3T Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DocID023303 Rev 5
11/15
TLVH431
Package information
15
Figure 16. SOT23-5L recommended footprint (dimensions are in mm)
Table 7. SOT23-5L mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.90
1.20
1.45
A1
0.15
A2
0.90
1.05
1.30
b
0.35
0.40
0.50
c
0.09
0.15
0.20
D
2.80
2.90
3.00
e0.95
E
1.50
1.60
1.75
H
2.60
2.80
3.00
L
0.10
0.35
0.60
θ
0°
10°
7049676_I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com