Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLVH431BIL3T Datasheet(PDF) 4 Page - STMicroelectronics

Part # TLVH431BIL3T
Description  Programmable shunt voltage reference
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLVH431BIL3T Datasheet(HTML) 4 Page - STMicroelectronics

  TLVH431BIL3T Datasheet HTML 1Page - STMicroelectronics TLVH431BIL3T Datasheet HTML 2Page - STMicroelectronics TLVH431BIL3T Datasheet HTML 3Page - STMicroelectronics TLVH431BIL3T Datasheet HTML 4Page - STMicroelectronics TLVH431BIL3T Datasheet HTML 5Page - STMicroelectronics TLVH431BIL3T Datasheet HTML 6Page - STMicroelectronics TLVH431BIL3T Datasheet HTML 7Page - STMicroelectronics TLVH431BIL3T Datasheet HTML 8Page - STMicroelectronics TLVH431BIL3T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Maximum ratings
TLVH431
4/15
DocID023303 Rev 5
2
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VKA
Cathode to anode voltage
22
V
IK
Continuous cathode current range
- 100 to +100
mA
IREF
Reference input current range
- 0.05 to +3
mA
TSTG
Storage temperature
- 65 to +150
°C
ESD
Human body model (HBM)
2
kV
Machine model (MM)
200
V
Charged device model
1500
V
TLEAD
Lead temperature (soldering) 10
sec
260
°C
TJ
Max. junction temperature
+150
°C
Table 3. Thermal data
Symbol
Parameter
SOT323-6L
SOT23-3L
SOT23-5L
Unit
RthJA
Thermal resistance junction-ambient
221
248
157
°C/W
RthJC
Thermal resistance junction-case
110
136
67
°C/W
Table 4. Operating conditions
Symbol
Parameter
Value
Unit
VKA
Cathode to anode voltage
Vref to 18
V
Ikmin
Minimum operating current
100
µA
Ikmax
Maximum operating current
60
mA
Toper
Operating free air temperature range
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com