Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEF3452 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # PEF3452
Description  Line Interface Unit for DS3, STS 1 and E3
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF3452 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button PEF3452 Datasheet HTML 35Page - Infineon Technologies AG PEF3452 Datasheet HTML 36Page - Infineon Technologies AG PEF3452 Datasheet HTML 37Page - Infineon Technologies AG PEF3452 Datasheet HTML 38Page - Infineon Technologies AG PEF3452 Datasheet HTML 39Page - Infineon Technologies AG PEF3452 Datasheet HTML 40Page - Infineon Technologies AG PEF3452 Datasheet HTML 41Page - Infineon Technologies AG PEF3452 Datasheet HTML 42Page - Infineon Technologies AG PEF3452 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
PEF 3452
TE3-LIU V1.3
Interface Description
Preliminary Data Sheet
29
2001-12-05
PRELIMINARY
4.2
Transmitter
The serial bit stream is then processed by the transmitter which has the following
functions:
• generation of AMI, B3ZS (DS3/STS-1) or HDB3 (E3) coded signals
• all-ones generation (alarm indication signal)
4.2.1
Transmit Line Interface
The received data stream on pins XDIP (single rail data) or XDIP/XDIN (dual rail data) is
converted into a ternary signal which is output on pins XL1 and XL2. In E3 mode the
HDB3 and AMI line code are supported, in DS3/STS-1 mode the B3ZS and AMI is
supported.
Figure 13
Transmitter Configuration
The external components are the same for DS3, STS-1 and E3 applications. Transmit
return loss requirements for E3 defined in ETS 300 166 are fulfilled. Pulse mask
Table 11
External Component Values for Transmitter
Parameter
Characteristic Line Impedance [
Ω]
DS3
STS-1
E3
75
R1 (± 1 %) [Ω]
37.51)
1)
This value refers to an ideal transformer without any parasitics. Any transformer resistance or other parasitic
resistances have to be taken into account when calculating the final value for the output serial resistors.
Cp [pF]
372)
2)
This value includes all parasitic capacitances on the secondary side of the transformer.
t2 : t1
1: 1
TE3-LIUTM
XL1
R1
XL2
t1 : t2
R1
C
P
F0079
75
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com