Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEF3452 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # PEF3452
Description  Line Interface Unit for DS3, STS 1 and E3
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF3452 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button PEF3452 Datasheet HTML 9Page - Infineon Technologies AG PEF3452 Datasheet HTML 10Page - Infineon Technologies AG PEF3452 Datasheet HTML 11Page - Infineon Technologies AG PEF3452 Datasheet HTML 12Page - Infineon Technologies AG PEF3452 Datasheet HTML 13Page - Infineon Technologies AG PEF3452 Datasheet HTML 14Page - Infineon Technologies AG PEF3452 Datasheet HTML 15Page - Infineon Technologies AG PEF3452 Datasheet HTML 16Page - Infineon Technologies AG PEF3452 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
PEF 3452
TE3-LIU V1.3
Overview
Preliminary Data Sheet
3
2001-12-05
PRELIMINARY
Hardware Interface Mode
• DS3/STS-1 or E3
• Line Coding (E3: HDB3 or AMI; DS3/STS-1: B3ZS or AMI)
• Transmitter disable
• Power down
• Remote loop
• Local loop
• Single/dual rail operation
• Receive clock edge selection
• Transmit clock edge selection
• Transmit "all ones"
• Receive line monitoring mode
• Automatic RDOP/RDON blanking option
• Jitter attenuation
• Loss of signal indication
• Bipolar violation indication
Microprocessor Interface Mode
• Microprocessor bus compatible interface
• Hardware control lines directly accessible
General
•CMOS device
•P-MQFP-44-2 package (body size 10 mm
× 10 mm, lead pitch 0.8 mm)
• Single power supply: 3.3 V ± 5%
• 5V-tolerant digital input lines
• Temperature range of -40°C to +85°C
• Low power device
Applications
• Interface for SONET/DS3 and E3 network equipment
•WAN gateways
• CSU/DSU
• Multiplexers
• Digital crossconnect systems
• DS3/STS-1/E3 Test Equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com