Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEF2256 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # PEF2256
Description  E1/T1/J1 Framer and Line Interface Component for Long- and Short-Haul Applications
PDF  518 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF2256 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button PEF2256 Datasheet HTML 35Page - Infineon Technologies AG PEF2256 Datasheet HTML 36Page - Infineon Technologies AG PEF2256 Datasheet HTML 37Page - Infineon Technologies AG PEF2256 Datasheet HTML 38Page - Infineon Technologies AG PEF2256 Datasheet HTML 39Page - Infineon Technologies AG PEF2256 Datasheet HTML 40Page - Infineon Technologies AG PEF2256 Datasheet HTML 41Page - Infineon Technologies AG PEF2256 Datasheet HTML 42Page - Infineon Technologies AG PEF2256 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 518 page
background image
FALC
®56
PEF 2256 H/E
External Signals
User’s Manual
39
DS1.1, 2003-10-23
Hardware Description
67 (D6)
68 (A6)
69 (B5)
70 (D5)
RPA
RPB
RBC
RPD
Receive Multifunction Ports
Depending on programming of bits
PC(1:4).RPC(3:0) these multifunction ports
carry information to the system interface or
from the system to the FALC
®56. After reset
these ports are configured to be inputs. With
the selection of the appropriate pin function,
the corresponding input/output configuration
is achieved automatically. Depending on bit
SIC3.RESR latching/transmission of data is
done with the rising or falling edge of SCLKR.
The same input function must not be selected
twice or more. Selectable pin functions are
described below.
IPU
Synchronous Pulse Receive (SYPR)
PC(1:4).RPC(3:0) = 0000
B
Together with the values of registers RC(1:0)
this signal defines the beginning of time slot 0
on system highway port RDO. Only one
multifunction port may be selected as SYPR
input. After reset, SYPR of port A is used, the
other lines are ignored. SYPR cannot be used
in combination with RFM. The pulse cycle is
an integer multiple of 125
µs.
Table 4
Pin Definitions - System Interface (cont’d)
Pin or
Ball No.
Name
Pin
Type
Buffer
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com