Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEF2256 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # PEF2256
Description  E1/T1/J1 Framer and Line Interface Component for Long- and Short-Haul Applications
PDF  518 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF2256 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button PEF2256 Datasheet HTML 17Page - Infineon Technologies AG PEF2256 Datasheet HTML 18Page - Infineon Technologies AG PEF2256 Datasheet HTML 19Page - Infineon Technologies AG PEF2256 Datasheet HTML 20Page - Infineon Technologies AG PEF2256 Datasheet HTML 21Page - Infineon Technologies AG PEF2256 Datasheet HTML 22Page - Infineon Technologies AG PEF2256 Datasheet HTML 23Page - Infineon Technologies AG PEF2256 Datasheet HTML 24Page - Infineon Technologies AG PEF2256 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 518 page
background image
FALC
®56
PEF 2256 H/E
Introduction
User’s Manual
21
DS1.1, 2003-10-23
Hardware Description
•
One-second timer (internal or external timing reference)
General
•
General input/output function included in multifunction ports
•
Boundary scan standard IEEE 1149.1
•
P-LBGA-81-1 package; body size 10 mm
× 10 mm; ball pitch 1.0 mm or
•
P-MQFP-80-1 package; body size 14 mm
× 14 mm; lead pitch 0.5 mm
•
Temperature range from -40 to +85 °C
•
3.3 V and 1.8 V power supply or 3.3 V-only operation
•
Typical power consumption 250 mW
Applications
•
Wireless basestations
•
E1/T1/J1 ATM gateways, multiplexer
•E1/T1/J1 Channel & Data Service Units (CSU, DSU)
•
E1/T1/J1 Internet access equipment
•
LAN/WAN router
•
ISDN PRI, PABX
•
Digital Access Crossconnect Systems (DACS)
•
SONET/SDH add/drop multiplexer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com