Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN7007AH Datasheet(PDF) 10 Page - STMicroelectronics

Part # VN7007AH
Description  High-side driver with CurrentSense analog feedback
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7007AH Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VN7007AH Datasheet HTML 6Page - STMicroelectronics VN7007AH Datasheet HTML 7Page - STMicroelectronics VN7007AH Datasheet HTML 8Page - STMicroelectronics VN7007AH Datasheet HTML 9Page - STMicroelectronics VN7007AH Datasheet HTML 10Page - STMicroelectronics VN7007AH Datasheet HTML 11Page - STMicroelectronics VN7007AH Datasheet HTML 12Page - STMicroelectronics VN7007AH Datasheet HTML 13Page - STMicroelectronics VN7007AH Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Electrical specification
VN7007AH
Table 8: Logic inputs
7 V < VCC < 28 V; -40 °C < Tj < 150 °C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
INPUT characteristics
VIL
Input low level voltage
0.9
V
IIL
Low level input current
VIN = 0.9 V
1
µA
VIH
Input high level voltage
2.1
V
IIH
High level input current
VIN = 2.1 V
10
µA
VI(hyst)
Input hysteresis voltage
0.2
V
VICL
Input clamp voltage
IIN = 1 mA
5.3
7.5
V
IIN = -1 mA
-0.7
SEn characteristics (7 V < VCC < 18 V)
VSEnL
Input low level voltage
0.9
V
ISEnL
Low level input current
VIN = 0.9 V
1
µA
VSEnH
Input high level voltage
2.1
V
ISEnH
High level input current
VIN = 2.1 V
10
µA
VSEn(hyst)
Input hysteresis voltage
0.2
V
VSEnCL
Input clamp voltage
IIN = 1 mA
5.3
7.5
V
IIN = -1 mA
-0.7
Table 9: Protection
7 V < VCC < 18 V; -40 °C < Tj < 150 °C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ILIMH(1)
DC short circuit current
VCC = 13 V
70
100
140
A
4 V < VCC < 18 V (2)
140
ILIML
Short circuit current during
thermal cycling
VCC = 13 V;
TR < Tj < TTSD
33
TTSD
Shutdown temperature
150
175
200
°C
TR
Reset temperature(2)
TRS + 1
TRS + 7
TRS
Thermal reset of fault
diagnostic indication
VSEn = 5 V
135
THYST
Thermal hysteresis
(TTSD - TR)(2)
7
ΔTJ_SD Dynamic temperature
Tj = -40 °C; VCC = 13 V
60
K
VDEMAG
Turn-off output voltage
clamp
IOUT = 2 A; L = 6 mH;
Tj = -40 °C
VCC - 38
V
IOUT = 2 A; L = 6 mH;
Tj = 25 °C to 150 °C
VCC - 41 VCC - 46 VCC - 52
V
VON
Output voltage drop limitation IOUT = 1.2 A
20
mV
Notes:
(1)Parameter guaranteed by an indirect test sequence.
(2)Parameter guaranteed by design and characterization; not subject to production test.
10/37
DocID027957 Rev 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com