Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN7007AH Datasheet(PDF) 17 Page - STMicroelectronics

Part # VN7007AH
Description  High-side driver with CurrentSense analog feedback
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7007AH Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VN7007AH Datasheet HTML 13Page - STMicroelectronics VN7007AH Datasheet HTML 14Page - STMicroelectronics VN7007AH Datasheet HTML 15Page - STMicroelectronics VN7007AH Datasheet HTML 16Page - STMicroelectronics VN7007AH Datasheet HTML 17Page - STMicroelectronics VN7007AH Datasheet HTML 18Page - STMicroelectronics VN7007AH Datasheet HTML 19Page - STMicroelectronics VN7007AH Datasheet HTML 20Page - STMicroelectronics VN7007AH Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
VN7007AH
Electrical specification
Figure 16: Undervoltage shutdown
Figure 17: On-state resistance vs Tcase
Figure 18: On-state resistance vs VCC
Figure 19: Turn-on voltage slope
Figure 20: Turn-off voltage slope
Figure 21: Won vs Tcase
GAPG2204151028CFT
0
1
2
3
4
5
6
7
8
-50
-25
0
25
50
75
100
125
150
175
T [°C]
VUSD [V]
GAPG2204151030CFT
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100
125
150
175
T [°C]
Ron [mOhm]
Iou t = 6A
Vcc = 13V
GAPG2204151031CFT
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
35
40
Vcc [V]
Ron [mOhm]
T = -40 °C
T = 25 °C
T = 125 °C
T = 150 °C
GAPG2204151033CFT
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
175
T [°C]
(dVou t/dt)On [V/µs]
Vcc = 13V
Rl = 2.2
Ω
GAPG2204151034CFT
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
175
T [°C]
(dVou t/dt)Off [V/µs]
Vcc = 13V
Rl = 2.2
Ω
GAPG2204151035CFT
0
0.4
0.8
1.2
1.6
2
-50
-25
0
25
50
75
100
125
150
175
T [°C]
W on [mJ]
DocID027957 Rev 2
17/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com