Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5E004C30 Datasheet(PDF) 9 Page - STMicroelectronics

Part # VND5E004C30
Description  Double 4m high-side driver with analog CurrentSense
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E004C30 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VND5E004C30 Datasheet HTML 5Page - STMicroelectronics VND5E004C30 Datasheet HTML 6Page - STMicroelectronics VND5E004C30 Datasheet HTML 7Page - STMicroelectronics VND5E004C30 Datasheet HTML 8Page - STMicroelectronics VND5E004C30 Datasheet HTML 9Page - STMicroelectronics VND5E004C30 Datasheet HTML 10Page - STMicroelectronics VND5E004C30 Datasheet HTML 11Page - STMicroelectronics VND5E004C30 Datasheet HTML 12Page - STMicroelectronics VND5E004C30 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
DocID027937 Rev 2
9/35
VND5E004C30
Electrical specifications
34
IL(off)
Off-state output current (1)
VIN = 0 V or VDE = 0 V; VOUT = 0 V;
VCC = 13 V; Tj = 25 °C
00.01
3
µA
VIN = 0 V or VDE = 0 V; VOUT = 0 V;
VCC = 13 V; Tj = 125 °C
05
µA
1.
For each channel
Table 6. Switching (VCC = 13 V; Tj = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
RL = 0.87 Ω (see Figure 6)—
25
—
µs
td(off)
Turn-off delay time
RL = 0.87 Ω (see Figure 6)—
35
—
µs
(dVOUT/dt)on Turn-on voltage slope
RL = 0.87 Ω
—
See
Figure 26
—V
/µs
(dVOUT/dt)off Turn-off voltage slope
RL = 0.87 Ω
—
See
Figure 28
—V
/µs
WON
Switching energy
losses during twon
RL = 0.87 Ω (see Figure 6)—
5.4
—
mJ
WOFF
Switching energy
losses during twoff
RL = 0.87 Ω (see Figure 6)—
2.3
—
mJ
Table 7. Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL1,2
Input low level voltage
0.9
V
IIL1,2
Low level input current
VIN = 0.9 V
1
µA
VIH1,2
Input high level voltage
2.1
V
IIH1,2
High level input current
VIN = 2.1 V
10
µA
VI(hyst)1,2 Input hysteresis voltage
0.25
V
VICL1,2
Input clamp voltage
IIN = 1 mA
5.5
7
V
IIN = -1 mA
-0.7
V
VDEL
DE low level voltage
0.9
V
IDEL
DE low level current
VIN = 0.9 V
1
µA
VDEH
DE high level voltage
2.1
V
IDEH
DE high level current
VIN = 2.1 V
10
µA
VDE(hyst)
DE hysteresis voltage
0.25
V
VDECL
DE clamp voltage
IDE = 1 mA
5.5
7
V
IDE = -1 mA
-0.7
V
Table 5. Power section (continued)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com