Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5E004C30 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VND5E004C30
Description  Double 4m high-side driver with analog CurrentSense
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E004C30 Datasheet(HTML) 2 Page - STMicroelectronics

  VND5E004C30 Datasheet HTML 1Page - STMicroelectronics VND5E004C30 Datasheet HTML 2Page - STMicroelectronics VND5E004C30 Datasheet HTML 3Page - STMicroelectronics VND5E004C30 Datasheet HTML 4Page - STMicroelectronics VND5E004C30 Datasheet HTML 5Page - STMicroelectronics VND5E004C30 Datasheet HTML 6Page - STMicroelectronics VND5E004C30 Datasheet HTML 7Page - STMicroelectronics VND5E004C30 Datasheet HTML 8Page - STMicroelectronics VND5E004C30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Contents
VND5E004C30
2/35
DocID027937 Rev 2
Contents
1
Block diagram and pin configurations . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2
Electrical specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2.1
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2.2
Thermal data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
2.3
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
2.4
Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
2.5
Electrical characteristics curves . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
3
Application information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
3.1
MCU I/Os protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
3.2
Load dump protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
3.3
Current sense and diagnostic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
3.3.1
Short to VCC and off-state open-load detection . . . . . . . . . . . . . . . . . . 25
3.4
Maximum demagnetization energy (VCC = 13.5V) . . . . . . . . . . . . . . . . . 26
4
Package and PC board thermal data . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
4.1
MultiPowerSO-30 thermal data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
5
Package and packing information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
5.1
MultiPowerSO-30 mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
5.2
MultiPowerSO-30 packing information . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
6
Order codes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
7
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com