Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08090 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # 08090
Description  LDMOS RF Power Field Effect Transistor 90 W, 869-960 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

08090 Datasheet(HTML) 5 Page - Infineon Technologies AG

  08090 Datasheet HTML 1Page - Infineon Technologies AG 08090 Datasheet HTML 2Page - Infineon Technologies AG 08090 Datasheet HTML 3Page - Infineon Technologies AG 08090 Datasheet HTML 4Page - Infineon Technologies AG 08090 Datasheet HTML 5Page - Infineon Technologies AG 08090 Datasheet HTML 6Page - Infineon Technologies AG 08090 Datasheet HTML 7Page - Infineon Technologies AG 08090 Datasheet HTML 8Page - Infineon Technologies AG 08090 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Series show current.
PTF080901
Typical Performance (cont.)
Three–Carrier CDMA 2000 Performance
VDD = 28 V, IDQ = 700 mA, f = 880 MHz
15
20
25
30
35
40
45
50
39
40
41
42
43
44
45
Output Power (dBm), Avg.
-65
-62
-59
-56
-53
-50
-47
-44
Efficiency
ALT Up
ACP Low
ACP Up
Bias Voltage vs. Temperature
Voltage normalized to typical gate voltage.
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
-20
0
20
40
60
80
100
Case Temperature (ºC)
1.50 A
3.00 A
4.50 A
6.00 A
7.50 A
9.00 A
All published data at TCASE = 25°C unless otherwise indicated.
Broadband Circuit Impedance
0.1
860 MHz
860 MHz
980 MHz
980 MHz
Z Load
Z Source
Z0 = 50 Ω
Frequency
Z Source
Ω
Z Load
Ω
MHz
R
jX
R
jX
860
2.50
–1.09
1.98
–1.08
920
2.67
–0.43
1.99
–0.32
940
2.79
–0.35
1.87
–0.21
960
2.94
0.12
1.85
0.27
980
2.91
0.37
1.79
0.53
Z Source
Z Load
G
S
D
Data Sheet
5
2004-04-05



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com