Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08090 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # 08090
Description  LDMOS RF Power Field Effect Transistor 90 W, 869-960 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

08090 Datasheet(HTML) 3 Page - Infineon Technologies AG

  08090 Datasheet HTML 1Page - Infineon Technologies AG 08090 Datasheet HTML 2Page - Infineon Technologies AG 08090 Datasheet HTML 3Page - Infineon Technologies AG 08090 Datasheet HTML 4Page - Infineon Technologies AG 08090 Datasheet HTML 5Page - Infineon Technologies AG 08090 Datasheet HTML 6Page - Infineon Technologies AG 08090 Datasheet HTML 7Page - Infineon Technologies AG 08090 Datasheet HTML 8Page - Infineon Technologies AG 08090 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheet
3
2004-04-05
PTF080901
-80
-70
-60
-50
-40
-30
-20
-10
0
43
45
47
49
51
Output Power (dBm), PEP
Intermodulation Distortion vs. Output Power
(as measured in a broadband circuit)
VDD = 28 V, IDQ = 650 mA, f1 = 959 MHz, f2 = 960 MHz
3rd Order
7th
5th
14
15
16
17
18
860
880
900
920
940
960
Frequency (MHz)
40
50
60
70
80
Output Pow er
Efficiency
Gain
Typical POUT, Gain & Efficiency (at P-1dB)
vs. Frequency
VDD = 28 V, IDQ = 650 mA
Typical Performance (cont.)
All published data at TCASE = 25°C unless otherwise indicated.
IM3 vs. Output Power at Selected Biases
VDD = 28 V, f1 = 959, f2 = 960 MHz
-60
-55
-50
-45
-40
-35
-30
-25
-20
39
41
43
45
47
49
51
Output Power (dBm), PEP
480 mA
820 mA
650 mA
Broadband Performance
VDD = 28 V, IDQ = 650 mA, POUT = 45 W
10
20
30
40
50
60
860
880
900
920
940
960
Frequency (MHz)
-15
-12
-9
-6
-3
0
Gain
Return Loss
Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com