Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25C200G Datasheet(PDF) 21 Page - ACE Technology Co., LTD.

Part # ACE25C200G
Description  2M BIT SPI NOR FLASH
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C200G Datasheet(HTML) 21 Page - ACE Technology Co., LTD.

Back Button ACE25C200G Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 25Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
ACE25C200G
2M BIT SPI NOR FLASH
VER 1.1
21
Fast Read (0BH)
See Figure 8, the Read Data Bytes at Higher Speed (Fast Read) instruction is for quickly reading
data out. It is followed by a 3-byte address (A23-A0) and a dummy byte, each bit being latched-in
during the rising edge of SCLK. Then the memory content, at that address, is shifted out on SO, each
bit being shifted out, at a Max frequency fc, during the falling edge of SCLK. The first byte addressed
can be at any location. The address is automatically incremented to the next higher address after
each byte of data is shifted out.
Figure 8 Fast Read Sequence Diagram
Figure 8
Dual Output Fast Read (3BH)
See Figure 9, the Dual Output Fast Read instruction is followed by 3-byte address (A23-A0) and a
dummy byte, each bit being latched in during the rising edge of SCLK, then the memory contents are
shifted out 2-bit per clock cycle from SI and SO. The first byte addressed can be at any location. The
address is automatically incremented to the next higher address after each byte of data is shifted out.
Figure 9 Dual Output Fast Read Sequence Diagram
Figure 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com