Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25C200G Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE25C200G
Description  2M BIT SPI NOR FLASH
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C200G Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE25C200G Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25C200G Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
ACE25C200G
2M BIT SPI NOR FLASH
VER 1.1
6
Uniform Block Sector Architecture
Table 2
ACE25C200G Block/Sector Addresses
Memory
Density
Block(64kbyte)
Block(32kbyte)
Sector No.
Sector
Size(KB)
Address range
2M Kbit
Block 0
Half block 0
Sector 0
4
000000h-000FFFh
Sector 7
4
007000h-007FFFh
Half block 1
Sector 8
4
008000h-008FFFh
4
Sector 15
4
00F000h-00FFFFh
Block1
Half block 2
Sector 16
4
010000h-010FFFh
Sector 23
4
017000h-017FFFh
Half block 3
Sector 24
4
018000h-018FFFh
Sector 31
4
01F000h-01FFFFh
Block 2
Half block 4
Sector 32
4
020000h-020FFFh
Sector 39
4
027000h-027FFFh
Half block 5
Sector 40
4
028000h-028FFFh
Sector 47
4
02F000h-02FFFFh
Block 3
Half block 6
Sector 48
4
030000h-030FFFh
Sector 55
4
037000h-037FFFh
Half block 7
Sector 56
4
038000h-038FFFh
Sector 63
4
03F000h-03FFFFh
Notes:
1.
Block = Uniform Block, and the size is 64K bytes.
2.
Half block = Half Uniform Block, and the size is 32k bytes.
3.
Sector = Uniform Sector, and the size is 4K bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com