Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH7100AS Datasheet(PDF) 6 Page - STMicroelectronics

Part # VNH7100AS
Description  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7100AS Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VNH7100AS Datasheet HTML 2Page - STMicroelectronics VNH7100AS Datasheet HTML 3Page - STMicroelectronics VNH7100AS Datasheet HTML 4Page - STMicroelectronics VNH7100AS Datasheet HTML 5Page - STMicroelectronics VNH7100AS Datasheet HTML 6Page - STMicroelectronics VNH7100AS Datasheet HTML 7Page - STMicroelectronics VNH7100AS Datasheet HTML 8Page - STMicroelectronics VNH7100AS Datasheet HTML 9Page - STMicroelectronics VNH7100AS Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Block diagram and pin description
VNH7100AS
6/38
DocID028092 Rev 4
Figure 2. Configuration diagram (top view)
Fault detection
Signalizes the abnormal behavior of the switch through
MultiSense pin.
Power limitation
Limits the power dissipation of the high-side driver inside
safe range in case of short to ground condition.
Table 3. Pin definitions and functions
Pin N°
Symbol
Function
1, 16
GNDA
Source of low-side switch A
2, 15
OUTA
Source of high-side switch A / drain of low-side switch A
3INA
Clockwise input
4, 5, 12
VCC
Power supply voltage
6INB
Counter clockwise input
7, 10
OUTB
Source of high-side switch B / drain of low-side switch B
8, 9
GNDB
Source of low-side switch B
11
PWM
Voltage controlled input pin with hysteresis, CMOS compatible. Gates
of low-side FETS get modulated by the PWM signal during their on
phase allowing speed control of the motor. Active high.
13
CS
Multiplexed analog sense output pin; it delivers a current proportional
to the motor current.
14
SEL0
Active high compatible with 3 V and 5 V CMOS outputs pin; in
combination with INA, INB, it addresses the CurrentSense information
delivered to the micro according to the operative truth table.
Table 2. Block description (continued)
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com