Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH7100AS Datasheet(PDF) 13 Page - STMicroelectronics

Part # VNH7100AS
Description  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7100AS Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VNH7100AS Datasheet HTML 9Page - STMicroelectronics VNH7100AS Datasheet HTML 10Page - STMicroelectronics VNH7100AS Datasheet HTML 11Page - STMicroelectronics VNH7100AS Datasheet HTML 12Page - STMicroelectronics VNH7100AS Datasheet HTML 13Page - STMicroelectronics VNH7100AS Datasheet HTML 14Page - STMicroelectronics VNH7100AS Datasheet HTML 15Page - STMicroelectronics VNH7100AS Datasheet HTML 16Page - STMicroelectronics VNH7100AS Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
DocID028092 Rev 4
13/38
VNH7100AS
Electrical specifications
37
Figure 4. TDSTKON
VSENSEH
MultiSense output
voltage in fault
condition
VCC =13V; RSENSE =1 kΩ
– E.g: OUTA in open-load
INA =0 V; IOUTA =0A;
VOUTA =4 V; VSEL0 =5 V
57
V
VOUT_MSD
(2)
Output Voltage for
MultiSense shutdown
VINA =5 V; VINB =0 V;
VSEL0 =5 V; RSENSE =2.7 kΩ
IOUT =2.5 A
5V
ISENSE_SAT
(2)
MultiSense
saturation current
VCC =13V; VSENSE =4 V;
VINA =5 V; VINB =0 V;
VSEL0 =5 V; Tj =150 °C
5.8
mA
IOUT_SAT
(2)
Output saturation
current
VCC =13V; VSENSE =4 V;
VINA =5 V; VINB =0 V;
VSEL0 =5 V; IOUT = 7 A; Tj = 150°C
7A
ISENSEH
MultiSense output
voltage in fault
condition
VCC =13V; VSENSE =VSENSEH
720
30
mA
1.
Analog sense current drift is deviation of factor K for a given device over (-40 °C to 150 °C and
9V < VCC < 18 V) with respect to its value measured at Tj = 25 °C, VCC = 13 V.
2.
Parameter guaranteed by design and characterization; not subjected to production test.
Table 10. CS (7 V < VCC < 18 V; -40 °C < Tj < 150 °C) (continued)
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com