Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNI8200XP-32 Datasheet(PDF) 17 Page - STMicroelectronics

Part # VNI8200XP-32
Description  Octal high-side smart power solid-state relay with serial
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI8200XP-32 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VNI8200XP-32 Datasheet HTML 13Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 14Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 15Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 16Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 17Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 18Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 19Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 20Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
VNI8200XP-32
Reverse polarity protection
DocID027849 Rev 3
17/43
6
Reverse polarity protection
Reverse polarity protection can be implemented on board using two different solutions:
1.
Placing a resistor (RGND) between IC GND pin and load GND
2.
Placing a diode between IC GND pin and load GND
If option 1 is selected, the minimum resistance value has to be selected according to the
following equation:
RGND ≥ VCC / IGND
where IGND is the DC reverse ground pin current and can be found in Section 4: "Maximum
ratings" of this datasheet.
Power dissipated by RGND (when VCC < 0: during reverse polarity situations) is:
PD = (VCC)
2/R
GND
If option 2 is selected, the diode has to be chosen by taking into account VRRM >|VCC| and
its power dissipation capability:
PD ≥ IS*VF
In normal conditions (no reverse polarity), due to the diode, there is a voltage drop
between GND of the device and GND of the system.
Figure 3: Reverse polarity protection
This schematic can be used with any type of load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com