Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNI8200XP-32 Datasheet(PDF) 21 Page - STMicroelectronics

Part # VNI8200XP-32
Description  Octal high-side smart power solid-state relay with serial
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI8200XP-32 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VNI8200XP-32 Datasheet HTML 17Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 18Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 19Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 20Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 21Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 22Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 23Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 24Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
VNI8200XP-32
Pin function description
DocID027849 Rev 3
21/43
signal is high, slave not selected, the microcontroller should drive the CLK low (the settings
for the MCU SPI port are CPHA = 0 and CPOL = 0).
9.5
Slave select
If SEL2 = H, the slave select ( SS ) signal is used to enable the VNI8200XP-32 serial
communication shift register; data is flushed-in through the SDI pin and flushed-out from
the SDO pin only when the SS
pin is low. On the SS
pin falling edge the shift register
(containing the fault conditions) is frozen, so any change on the power switches status is
latched until the next SS
falling edge event and the SDO output is enabled. On the SS
pin rising edge event the 8/16 bits present on the SPI shift register are evaluated and the
outputs are driven according to this frame. If more than 8/16 bits (depending on the SPI
settings) are flushed inside only the last 8/16 are evaluated; the others are flushed out from
the SDO pin after fault condition bits; in this way a proper communication is possible also in
a daisy chain configuration.
Figure 5: SPI mode diagram
9.6
8/16-bit selection (SEL1)
If SEL2 = H, SEL1 is used to select between two possible SPI configurations: the 8-bit SPI
mode (SEL1 = L) and the 16-bit SPI mode (SEL1 = H). 8/16-bit SPI operation is described
below.
9.7
Output enable (OUT_EN)
If SEL2 = H, the OUT_EN pin provides a fast way to disable all the outputs simultaneously.
When the OUT_EN pin is driven low for at least TRES, the outputs are disabled while fault
conditions in the SPI register are latched. To enable the outputs, the OUT_EN pin should
be raised and the IC should be re-programmed through the SPI interface. As fault
conditions are latched inside the IC and SPI interface also works while the OUT_EN pin is
driven low, the SPI can be used to detect if a fault condition occurred before than the reset
event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com