Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VX6854LC Datasheet(PDF) 64 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 64 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 60Page - STMicroelectronics VX6854LC Datasheet HTML 61Page - STMicroelectronics VX6854LC Datasheet HTML 62Page - STMicroelectronics VX6854LC Datasheet HTML 63Page - STMicroelectronics VX6854LC Datasheet HTML 64Page - STMicroelectronics VX6854LC Datasheet HTML 65Page - STMicroelectronics VX6854LC Datasheet HTML 66Page - STMicroelectronics VX6854LC Datasheet HTML 67Page - STMicroelectronics VX6854LC Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 114 page
background image
Video timing
VX6854LC
64/114
DocID027110 Rev 2
Derating shows the difference between the video timing domain and the output clock
domain.
FIFO
The FIFO is used to implement the data rate reduction required for profile 1 and 2 operation.
The concept of an output frame length and a line length for the output timing domain does
not exist for SMIA devices such as the VX6854LC. This is a result of the FIFO input data
patterns being different depending on scaling factor and if the data is co-sited or bayer
sampled, which results in variable interframe and interline blanking time between lines and
between frames.
Figure 23. SMIA output timing
When the FIFO reaches a certain level of usage the CCP transmitter starts outputting a line
containing x_output_size pixels. This then naturally tracks any variation in the input data
rate, if the water mark is set correctly underflow is not possible.
Figure 24. FIFO water mark control
If the derating factor >= downscale factor then the average input rate of a burst of a line of
scaler output data into the FIFO is always faster than the output data rate, in this case the
derating =
vt_sys_clk_div *
op_pix_clk_div
op_sys_clk_div *
vt_pix_clk_div
output data:
CCP Active video
2064 pixels
By
1552 lines
Line Blanking
Output line length
Does Not exist in SMIA
CS
LE
FIFO Water Mark Level = CCP Output Trigger
FIFO
Usage
LS
LS
LE CS
DATA
DATA
x_output_size + additional_cols
x_output_size + additional_cols



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com