Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VX6854LC Datasheet(PDF) 26 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 26 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 22Page - STMicroelectronics VX6854LC Datasheet HTML 23Page - STMicroelectronics VX6854LC Datasheet HTML 24Page - STMicroelectronics VX6854LC Datasheet HTML 25Page - STMicroelectronics VX6854LC Datasheet HTML 26Page - STMicroelectronics VX6854LC Datasheet HTML 27Page - STMicroelectronics VX6854LC Datasheet HTML 28Page - STMicroelectronics VX6854LC Datasheet HTML 29Page - STMicroelectronics VX6854LC Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 114 page
background image
Functional description
VX6854LC
26/114
DocID027110 Rev 2
3.4.4
Failsafe signals
All signals going into the VX6854LC must be either at a low state or high impedance when
power is removed from the device. The exceptions to this rule are the EXTCLK,
XSHUTDOWN and the CCI signals. These pads have been designed to be high impedance
when the VX6854LC is powered-down. This means that the input signal on the specified
pads can either be high or low with no leakage problems.
3.5
Clock and frame rate timing
3.5.1
Video frame rate control
The output frame rate of VX6854LC can be reduced by extending either the line length or
the frame length. The extension is achieved by adding extra blanking bytes at the end of a
line or “blank” video lines to act as timing padding. The frame rate can be reduced from the
default 20 frame/s at 3.15 Mpixel resolution to less than 3 frame/s at 3.15 Mpixel resolution.
The advantage of the frame extension approach is that it does not reduce the pixel readout
rate or the active frame time and therefore does not introduce unwanted motion distribution
effects to the image.
3.5.2
PLL and clock input
The VX6854LC has an embedded PLL block. This block generates all necessary internal
clocks from an input range defined in Table 11. The input clock pad accepts sine wave or
square wave.
Table 11. System input clock frequency range
Minimum (MHz)
Maximum (MHz)
6
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com