Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE3926E Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE3926E
Description  Dual N-Channel 20-V MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE3926E Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE3926E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE3926E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE3926E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE3926E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE3926E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE3926E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE3926E Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE3926E
Dual N-Channel 20-V MOSFET
VER 1.1
1
Description
The ACE3926E utilize a high cell density trench process to provide low rDS(on) and to ensure minimal
power loss and heat dissipation. Typical applications are DC-DC converters and power management in
portable and battery-powered products such as computers, printers, PCMCIA cards, cellular and cordless
telephones.
Features
• Low r
DS(on) trench technology
• Low thermal impedance
• Fast switching speed
Applications
• Power Routing
• Li Ion Battery Packs
• Level Shifting and Driver Circuits
Absolute Maximum Ratings
Parameter
Symbol
Limit
Units
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
Continuous
Drain Current
a
TA=25℃
ID
13
A
TA=70℃
10
Pulsed Drain Current
b
IDM
50
A
Continuous Source Current (Diode Conduction)
a
IS
7
A
Power Dissipation
a
TA=25℃
PD
2.5
W
TA=70℃
1.5
Operating temperature / storage temperature
TJ/TSTG -55~150
℃
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Maximum
Units
Maximum Junction-to-Ambient
a
t <= 10 sec
RθJA
83
°C/W
Steady State
120
Notes
a. Surface Mounted on 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature


Similar Part No. - ACE3926E

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ACE3000 LINEAGEPOWER-ACE3000 Datasheet
806Kb / 2P
3 Bay / 9 Kilowatt Power Shelf
ACE3000T LINEAGEPOWER-ACE3000T Datasheet
820Kb / 2P
3 Bay / 9 Kilowatt Power Shelf
logo
ACE Technology Co., LTD...
ACE3006M ACE-ACE3006M Datasheet
493Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.1
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
High-precision Low Voltage Detector
VER 1.3
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
High-precision Low Voltage Detector
VER 1.4
More results

Similar Description - ACE3926E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4204DY VISHAY-SI4204DY Datasheet
260Kb / 10P
Dual N-Channel 20 V MOSFET
03-May-10
SIB912DK VISHAY-SIB912DK Datasheet
232Kb / 9P
Dual N-Channel 20-V MOSFET
01-Sep-08
logo
NXP Semiconductors
PMDXB600UNE PHILIPS-PMDXB600UNE_15 Datasheet
257Kb / 15P
20 V, dual N-channel Trench MOSFET
1 July 2015
logo
Vishay Telefunken
SI4204DY TFUNK-SI4204DY Datasheet
263Kb / 10P
Dual N-Channel 20 V MOSFET
logo
Nexperia B.V. All right...
PMDPB28UN NEXPERIA-PMDPB28UN Datasheet
970Kb / 16P
20 V, dual N-channel Trench MOSFET
PMDPB38UNE NEXPERIA-PMDPB38UNE Datasheet
335Kb / 14P
20 V dual N-channel Trench MOSFET
logo
Vishay Siliconix
SIB912DK VISHAY-SIB912DK_V01 Datasheet
289Kb / 9P
Dual N-Channel 20 V MOSFET
01-Sep-08
SI4204DY VISHAY-SI4204DY_V01 Datasheet
194Kb / 9P
Dual N-Channel 20 V MOSFET
03-May-10
logo
VBsemi Electronics Co.,...
VBA3205 VBSEMI-VBA3205 Datasheet
713Kb / 9P
Dual N-Channel 20 V MOSFET
VBC6N2005 VBSEMI-VBC6N2005 Datasheet
744Kb / 9P
Dual N-Channel 20 V MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com