Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE4010M Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4010M
Description  N-Channel 100-V MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4010M Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4010M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4010M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4010M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4010M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4010M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4010M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4010M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE4010M
N-Channel 100-V MOSFET
VER 1.1
1
Description
ACE4010M uses advanced trench technology to provide excellent RDS(ON).
This device particularly suits for low voltage application such as power management of desktop
computer or notebook computer power management, DC/DC converter.
Features
Low r
DS(on) trench technology
Low thermal impedance
Fast switching speed
Applications:
PoE Power Sourcing Equipment
PoE Powered Devices
Telecom DC/DC converters
White LED boost converters
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
±20
Continuous Drain Current
TC=25°C
ID
26
A
Pulsed Drain Current
b
IDM
50
Continuous Source Current (Diode Conduction)
IS
50
A
Power Dissipation
TC=25°C
PD
50
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Maximum Unit
Maximum Junction-to-Ambient
a
RθJA
40
°C/W
Maximum Junction-to-Case
RθJC
3
Notes
a. Surface Mounted on 1” x 1” FR4 Board, drain pad using 2 oz copper, value dependent on PC board thermal characteristics.
b. Pulse width limited by maximum junction temperature.


Similar Part No. - ACE4010M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4010M200P ACE-ACE4010M200P Datasheet
697Kb / 7P
P-Channel 100-V MOSFET
VER 1.1
More results

Similar Description - ACE4010M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4494M ACE-ACE4494M Datasheet
477Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE2372M ACE-ACE2372M Datasheet
538Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE4490M ACE-ACE4490M Datasheet
486Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE18010M04N ACE-ACE18010M04N Datasheet
703Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE6010M70N ACE-ACE6010M70N Datasheet
691Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
logo
Guangdong Youtai Semico...
045N10A UMW-045N10A Datasheet
1Mb / 7P
100 V N-Channel MOSFET
065N10N UMW-065N10N Datasheet
884Kb / 9P
100 V N-Channel MOSFET
45N10N3G UMW-45N10N3G Datasheet
1Mb / 9P
100 V N-Channel MOSFET
IRFB4110 UMW-IRFB4110 Datasheet
843Kb / 9P
100 V N-Channel MOSFET
IRFS4410Z UMW-IRFS4410Z Datasheet
531Kb / 9P
100 V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com