Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE4835M Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE4835M
Description  P-Channel 30-V MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4835M Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE4835M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4835M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4835M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4835M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4835M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4835M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4835M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE4835M
P-Channel 30-V MOSFET
VER 1.1
3
Electrical Characteristics
TA=25℃, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
Static
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = -24 V, VGS = 0 V
-1
uA
VDS = -24 V, VGS = 0 V, TJ = 55°C
-25
On-State Drain Current
ID(on)
VDS =- 5 V, VGS =- 10 V
-20
A
Drain-Source On-Resistance
RDS(ON)
VGS = - 10 V, ID = - 7.6 A
19
mΩ
VGS = -4.5 V, ID = - 6A
30
Forward Transconductance
gFS
VDS = - 15 V, ID = -7.6 A
20
S
Diode Forward Voltage
VSD
IS = - 2A, VGS = 0 V
-0.74
V
Dynamic
Total Gate Charge
Qg
VDS = -15 V, VGS = -4.5 V, ID = -7.6 A
31
nC
Gate-Source Charge
Qgs
6.8
Gate-Drain Charge
Qgd
13
Turn-On Delay Time
td(on)
VDS = -15 V, RL = 1.9 Ω, ID = -7.6 A,
VGEN = -10 V, RGEN = 6 Ω
8
ns
Rise Time
tr
16
Turn-Off Delay Time
td(off)
98
Fall Time
tf
53
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
1934
pF
Output Capacitance
Coss
408
Reverse Transfer Capacitance
Crss
226
Note :
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com