Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC07APW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC07APW
Description  Hex Buffer/Driver With Open-Drain Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC07APW Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC07APW Datasheet HTML 2Page - Texas Instruments SN74LVC07APW Datasheet HTML 3Page - Texas Instruments SN74LVC07APW Datasheet HTML 4Page - Texas Instruments SN74LVC07APW Datasheet HTML 5Page - Texas Instruments SN74LVC07APW Datasheet HTML 6Page - Texas Instruments SN74LVC07APW Datasheet HTML 7Page - Texas Instruments SN74LVC07APW Datasheet HTML 8Page - Texas Instruments SN74LVC07APW Datasheet HTML 9Page - Texas Instruments SN74LVC07APW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
VCC - V
0
1
2
3
4
5
6
0
0.5
1
1.5
2
2.5
D001
TPD in ns
Temperature (GC)
-100
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
D002
TPD in ns
SN74LVC07A
SCAS595V – OCTOBER 1997 – REVISED MAY 2015
www.ti.com
7.6 Switching Characteristics –40°C to 85°C
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3 through Figure 6)
–40°C TO 85°C
FROM
TO
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN MAX
MIN
MAX
MIN
MAX
tpd
A
Y
1
5.6
1
3.4
1
3.3
1
3.6
1
2.6
ns
7.7 Switching Characteristics –40°C to 125°C
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3 through Figure 6)
–40°C TO 125°C
FROM
TO
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN MAX
MIN
MAX
tpd
A
Y
1
6.1
1
3.9
1
3.8
1
4.1
1
3.1
ns
7.8 Operating Characteristics
TA = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
Power dissipation capacitance
Cpd
f = 10 MHz
1.8
2
2.5
3.78
pF
per buffer/driver
7.9 Typical Characteristics
Figure 1. TPD vs VCC
Figure 2. TPD vs Temperature
6
Submit Documentation Feedback
Copyright © 1997–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC07A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com