Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC07APW Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC07APW
Description  Hex Buffer/Driver With Open-Drain Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC07APW Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LVC07APW Datasheet HTML 9Page - Texas Instruments SN74LVC07APW Datasheet HTML 10Page - Texas Instruments SN74LVC07APW Datasheet HTML 11Page - Texas Instruments SN74LVC07APW Datasheet HTML 12Page - Texas Instruments SN74LVC07APW Datasheet HTML 13Page - Texas Instruments SN74LVC07APW Datasheet HTML 14Page - Texas Instruments SN74LVC07APW Datasheet HTML 15Page - Texas Instruments SN74LVC07APW Datasheet HTML 16Page - Texas Instruments SN74LVC07APW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Vcc
Unused Input
Input
Output
Input
Unused Input
Output
VCC - V
0
20
40
60
80
0
200
400
600
800
1000
1200
1400
1600
D003
ICC 1.8 V
ICC 2.5 V
ICC 3.3 V
ICC 5 V
SN74LVC07A
www.ti.com
SCAS595V – OCTOBER 1997 – REVISED MAY 2015
Typical Application (continued)
10.2.3 Application Curves
Figure 8. ICC vs Frequency
11 Power Supply Recommendations
The power supply can be any voltage between the MIN and MAX supply voltage rating located in the
Recommended Operating Conditions table.
Each VCC pin must have a good bypass capacitor to prevent power disturbance. For devices with a single supply,
0.1
μf is recommended; if there are multiple VCC pins, then 0.01 μf or 0.022 μf is recommended for each power
pin. It is acceptable to parallel multiple bypass caps to reject different frequencies of noise. A 0.1
μf and a 1 μf
are commonly used in parallel. The bypass capacitor must be installed as close to the power pin as possible for
best results.
12 Layout
12.1 Layout Guidelines
When using multiple bit logic devices inputs must never float.
In many cases, functions or parts of functions of digital logic devices are unused, for example, when only two
inputs of a triple-input AND gate are used or only 3 of the 4 buffer gates are used. Such input pins must not be
left unconnected because the undefined voltages at the outside connections result in undefined operational
states. Figure 9 specifies the rules that must be observed under all circumstances. All unused inputs of digital
logic devices must be connected to a high or low bias to prevent them from floating. The logic level that must be
applied to any particular unused input depends on the function of the device. Generally they will be tied to GND
or VCC, whichever makes more sense or is more convenient. It is generally acceptable to float outputs, unless the
part is a transceiver.
12.2 Layout Example
Figure 9. Layout Diagram
Copyright © 1997–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: SN74LVC07A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com