Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF430CL331H Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL331H
Description  NFC Type 4B Dynamic Dual Interface Transponder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL331H Datasheet(HTML) 49 Page - Texas Instruments

Back Button RF430CL331H Datasheet HTML 45Page - Texas Instruments RF430CL331H Datasheet HTML 46Page - Texas Instruments RF430CL331H Datasheet HTML 47Page - Texas Instruments RF430CL331H Datasheet HTML 48Page - Texas Instruments RF430CL331H Datasheet HTML 49Page - Texas Instruments RF430CL331H Datasheet HTML 50Page - Texas Instruments RF430CL331H Datasheet HTML 51Page - Texas Instruments RF430CL331H Datasheet HTML 52Page - Texas Instruments RF430CL331H Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
1
VCC
2
ANT1
3
ANT2
4
RST
5
E0
6
E1
7
E2
8
INTO
9
I2C_READY
10
I2C_SIGNAL
11
SCL
12
SDA
13
VCORE
14
VSS
C
Tune
C
1
C
2
C
Core
Antenna
External Reset (optional)
I C Address Select
2
SDA
SCL
I C Address Select
2
I C Address Select
2
Interrupt Output
VCC
GPIO Output
GPIO Output
RF430CL331H
www.ti.com
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
6
Applications, Implementation, and Layout
NOTE
Information in the following Applications section is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI's customers are responsible for
determining suitability of components for their purposes. Customers should validate and test
their design implementation to confirm system functionality.
6.1
Application Diagram
Figure 6-1 shows a sample application diagram.
For recommended capacitance values, see Recommended Operating Conditions.
Figure 6-1. Application Diagram
6.2
References
1. ISO/IEC 14443-2:2010, Part 2: Radio frequency interface power and signal interface
(http://www.iso.org)
2. ISO/IEC 14443-3:2011, Part 3: Initialization and anticollision (http://www.iso.org)
3. ISO/IEC 14443-4:2008, Part 4: Transmission protocols (http://www.iso.org)
4. NFC Data Exchange Format (NDEF) Technical Specification (http://nfc-forum.org/)
5. NFC Forum Type 4 Tag Operation Specification (http://nfc-forum.org/)
6. NFC Digital Protocol Technical Specification, Section 13.2.2, Frame Wait Time Extension (http://nfc-
forum.org/)
Copyright © 2015, Texas Instruments Incorporated
Applications, Implementation, and Layout
49
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com