Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF430CL331H Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL331H
Description  NFC Type 4B Dynamic Dual Interface Transponder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL331H Datasheet(HTML) 13 Page - Texas Instruments

Back Button RF430CL331H Datasheet HTML 9Page - Texas Instruments RF430CL331H Datasheet HTML 10Page - Texas Instruments RF430CL331H Datasheet HTML 11Page - Texas Instruments RF430CL331H Datasheet HTML 12Page - Texas Instruments RF430CL331H Datasheet HTML 13Page - Texas Instruments RF430CL331H Datasheet HTML 14Page - Texas Instruments RF430CL331H Datasheet HTML 15Page - Texas Instruments RF430CL331H Datasheet HTML 16Page - Texas Instruments RF430CL331H Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
RF430CL331H
www.ti.com
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
5.5
Communication Protocol
The tag is programmed and controlled by writing data into and reading data from the address map shown
in Table 5-2 through the I2C serial interface.
Table 5-2. User Address Map
RANGE
ADDRESS
SIZE
DESCRIPTION
0xFFFE
2 B
Control register
0xFFFC
2 B
Status register
0xFFFA
2 B
Interrupt Enable
0xFFF8
2 B
Interrupt Flags
0xFFF6
2 B
CRC Result (16-bit CCITT)
0xFFF4
2 B
CRC Length
0xFFF2
2 B
CRC Start Address
0xFFF0
2 B
Communication Watchdog Control register
0xFFEE
2 B
Version
Registers
0xFFEC
2 B
NDEF File ID register
0xFFEA
2 B
Host Response register
0xFFE8
2 B
NDEF Block Length register
0xFFE6
2 B
NDEF File Offset register
0xFFE4
2 B
Buffer Start register
0xFFE2
2 B
Reserved
0xFFE0
2 B
Reserved
0xFFDE
2 B
SWTX register
0xFFDC
2 B
Reserved
0xFFDA
2 B
Custom SW1 and SW2 Response
0x4000 to 0xFFDF
Reserved
Reserved
0x0BB8 to 0x3FFF
13KB
Reserved (for example, for future extension of NDEF Memory size)
Buffer
0x0000 to 0x0BB7
3000 B
Buffer Memory
NOTE
Crossing range boundaries causes writes to be ignored and reads to return undefined data.
5.6
I
2C Protocol
A command is always initiated by the master by addressing the device using the specified I2C device
address. The device address is a 7-bit I2C address. The upper 4 bits are hard-coded, and the lower 3 bits
are programmable by the input pins E0, E1, and E2 (see Table 5-3).
Table 5-3. I2C Device Address
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
0
1
1
E2
E1
E0
MSB
LSB
To write data, the device is addressed using the specified I2C device address with R/W = 0, followed by
the upper 8 bits of the first address to be written and the lower 8 bits of that address. Next (without a
repeated START), the data to be written starting at the specified address is received. With each data byte
received, the address is automatically incremented by 1. The write access is terminated by the STOP
condition on the I2C bus.
Copyright © 2015, Texas Instruments Incorporated
Detailed Description
13
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com