Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8843PWPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8843PWPR
Description  Dual H-Bridge Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8843PWPR Datasheet(HTML) 3 Page - Texas Instruments

  DRV8843PWPR Datasheet HTML 1Page - Texas Instruments DRV8843PWPR Datasheet HTML 2Page - Texas Instruments DRV8843PWPR Datasheet HTML 3Page - Texas Instruments DRV8843PWPR Datasheet HTML 4Page - Texas Instruments DRV8843PWPR Datasheet HTML 5Page - Texas Instruments DRV8843PWPR Datasheet HTML 6Page - Texas Instruments DRV8843PWPR Datasheet HTML 7Page - Texas Instruments DRV8843PWPR Datasheet HTML 8Page - Texas Instruments DRV8843PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
CP1
2
CP2
3
VCP
4
VMA
5
AOUT1
6
ISENA
7
AOUT2
8
BOUT2
9
ISENB
10
BOUT1
11
VMB
12
AVREF
13
BVREF
14
GND
28
GND
27
BI1
26
BI0
25
AI1
24
AI0
23
BIN2
22
BIN1
21
AIN1
20
AIN2
19
DECAY
18
nFAULT
17
nSLEEP
16
nRESET
15
V3P3OUT
GND
(PowerPAD)
DRV8843
www.ti.com
SLVSAS8D – APRIL 2011 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
PWP Package
28-Pin HTSSOP with PowerPAD™
Top View
Pin Functions
PIN
EXTERNAL COMPONENTS
I/O(1)
DESCRIPTION
OR CONNECTIONS
NAME
PIN
POWER AND GROUND
GND
14, 28
-
Device ground
VMA
4
-
Bridge A power supply
Connect to motor supply (8.2 V to 45 V). Both pins must be
connected to the same supply, bypassed with a 0.1-uF
capacitor to GND, and connected to appropriate bulk
VMB
11
-
Bridge B power supply
capacitance.
Bypass to GND with a 0.47-
μF 6.3-V ceramic capacitor. Can
V3P3OUT
15
O
3.3-V regulator output
be used to supply VREF.
CP1
1
IO
Charge pump flying capacitor
Connect a 0.01-
μF 50-V capacitor between CP1 and CP2.
CP2
2
IO
Charge pump flying capacitor
Connect a 0.1-
μF 16-V ceramic capacitor and a 1-MΩ
VCP
3
IO
High-side gate drive voltage
resistor to VM.
CONTROL
AIN1
21
I
Bridge A input 1
Logic input controls state of AOUT1. Internal pulldown.
AIN2
20
I
Bridge A input 2
Logic input controls state of AOUT2. Internal pulldown.
AI0
24
I
Sets bridge A current: 00 = 100%,
Bridge A current set
01 = 71%, 10 = 38%, 11 = 0
AI1
25
I
Internal pulldown.
BIN1
22
I
Bridge B input 1
Logic input controls state of BOUT1. Internal pulldown.
BIN2
23
I
Bridge B input 2
Logic input controls state of BOUT2. Internal pulldown.
BI0
26
I
Sets bridge B current: 00 = 100%,
Bridge B current set
01 = 71%, 10 = 38%, 11 = 0
BI1
27
I
Internal pulldown.
Low = slow decay, open = mixed decay,
DECAY
19
I
Decay mode
high = fast decay
Internal pulldown and pullup.
Active-low reset input initializes internal logic and disables
nRESET
16
I
Reset input
the H-bridge outputs. Internal pulldown.
Logic high to enable device, logic low to enter low-power
nSLEEP
17
I
Sleep mode input
sleep mode. Internal pulldown.
AVREF
12
I
Bridge A current set reference input
Reference voltage for winding current set. Can be driven
individually with an external DAC for microstepping, or tied
BVREF
13
I
Bridge B current set reference input
to a reference (e.g., V3P3OUT).
STATUS
nFAULT
18
OD
Fault
Logic low when in fault condition (overtemp, overcurrent)
(1)
Directions: I = input, O = output, OZ = tri-state output, OD = open-drain output, IO = input/output
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DRV8843



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com