Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8843PWPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8843PWPR
Description  Dual H-Bridge Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8843PWPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV8843PWPR Datasheet HTML 7Page - Texas Instruments DRV8843PWPR Datasheet HTML 8Page - Texas Instruments DRV8843PWPR Datasheet HTML 9Page - Texas Instruments DRV8843PWPR Datasheet HTML 10Page - Texas Instruments DRV8843PWPR Datasheet HTML 11Page - Texas Instruments DRV8843PWPR Datasheet HTML 12Page - Texas Instruments DRV8843PWPR Datasheet HTML 13Page - Texas Instruments DRV8843PWPR Datasheet HTML 14Page - Texas Instruments DRV8843PWPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
REFX
CHOP
ISENSE
V
I
5
R
u
DRV8843
www.ti.com
SLVSAS8D – APRIL 2011 – REVISED NOVEMBER 2015
7.4.2 Current Regulation
The current through the motor windings is regulated by a fixed-frequency PWM current regulation, or current
chopping. When an H-bridge is enabled, current rises through the winding at a rate dependent on the DC voltage
and inductance of the winding. Once the current hits the current chopping threshold, the bridge disables the
current until the beginning of the next PWM cycle.
For stepping motors, current regulation is normally used at all times, and can changing the current can be used
to microstep the motor. For DC motors, current regulation is used to limit the start-up and stall current of the
motor.
If the current regulation feature is not needed, it can be disabled by connecting the xISENSE pins directly to
ground and connecting the xVREF pins to V3P3.
The PWM chopping current is set by a comparator which compares the voltage across a current sense resistor
connected to the xISEN pins, multiplied by a factor of 5, with a reference voltage. The reference voltage is input
from the xVREF pins, and is scaled by a 2-bit DAC that allows current settings of 100%, 71%, 38% of full-scale,
plus zero.
The full-scale (100%) chopping current is calculated in Equation 1.
(1)
Example:
If a 0.25-
Ω sense resistor is used and the VREFx pin is 2.5 V, the full-scale (100%) chopping current will be
2.5 V / (5 x 0.25
Ω) = 2 A.
Two input pins per H-bridge (xI1 and xI0) are used to scale the current in each bridge as a percentage of the full-
scale current set by the VREF input pin and sense resistance. The xI0 and xI1 pins have internal pulldown
resistors of approximately 100 k
Ω. The function of the pins is shown in Table 3.
Table 3. H-Bridge Pin Functions
RELATIVE CURRENT
xI1
xI0
(% FULL-SCALE CHOPPING CURRENT)
1
1
0% (Bridge disabled)
1
0
38%
0
1
71%
0
0
100%
NOTE
When both xI bits are 1, the H-bridge is disabled and no current flows.
Example:
If a 0.25-
Ω sense resistor is used and the VREF pin is 2.5 V, the chopping current will
be 2 A at the 100% setting (xI1, xI0 = 00). At the 71% setting (xI1, xI0 = 01) the
current will be 2 A x 0.71 = 1.42 A, and at the 38% setting (xI1, xI0 = 10) the current
will be 2 A x 0.38 = 0.76 A. If (xI1, xI0 = 11) the bridge will be disabled and no current
will flow.
7.4.3 Decay Mode During Current Chopping
During PWM current chopping, the H-bridge is enabled to drive current through the motor winding until the PWM
current chopping threshold is reached. This is shown in Figure 7 as case 1. The current flow direction shown
indicates the state when the xIN1 pin is high and the xIN2 pin is low.
Once the chopping current threshold is reached, the H-bridge can operate in two different states, fast decay or
slow decay.
In fast decay mode, once the PWM chopping current level has been reached, the H-bridge reverses state to
allow winding current to flow in a reverse direction. As the winding current approaches zero, the bridge is
disabled to prevent any reverse current flow. Fast decay mode is shown in Figure 7 as case 2.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DRV8843



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com