Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPTPS Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28375DPTPS
Description  Dual-Core Delfino Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28375DPTPS Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320F28375DPTPS Datasheet HTML 4Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 5Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 6Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 7Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 8Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 9Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 10Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 11Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 212 page
background image
TMS320F28379D, TMS320F28377D
TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880F – DECEMBER 2013 – REVISED NOVEMBER 2015
www.ti.com
Table 3-1. Device Comparison (continued)
28379D
28377D
28376D
28375D
28374D
FEATURE
(1)
Package Type
(ZWT is an nFBGA package.
337-Ball
176-Pin
337-Ball
176-Pin
337-Ball
176-Pin
337-Ball
176-Pin
100-Pin
337-Ball
176-Pin
PTP is an HLQFP package.
ZWT
PTP
ZWT
PTP
ZWT
PTP
ZWT
PTP
PZP
ZWT
PTP
PZP is an HTQFP package.)
Control Peripherals
(3)
eCAP inputs – Type 0
6
Enhanced Pulse Width Modulator (ePWM) channels –
24
24
15
24
Type-4
eQEP modules – Type 0
3
3
2
3
High-resolution ePWM channels – Type-4
16
16
9
16
SDFM channels – Type-0
8
8
6
8
Communication Peripherals
(3)
2
Controller Area Network (CAN) – Type 0
(4)
2
Inter-Integrated Circuit (I
2C) – Type 0
Multichannel Buffered Serial Port (McBSP) – Type 1
2
SCI – Type 0
4
4
3
4
Serial Peripheral Interface (SPI) – Type 2
3
USB – Type 0
1
uPP – Type 0
1
Temperature and Qualification
T: –40°C to 105°C
Yes
Yes
No
Yes
Junction
S: –40°C to 125°C
Yes
Temperature (TJ)
No
Yes
No
Q: –40°C to 150°C
(5)
Free-Air
No
Yes
No
Q: –40°C to 125°C
(5)
Temperature (TA)
(1) A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor
differences between devices that do not affect the basic functionality of the module. For more information, see the C2000 Real-Time
Control Peripherals Reference Guide (SPRU566).
(2) Time between start of sample-and-hold window to start of sample-and-hold window of the next conversion.
(3) For devices that are available in more than one package, the peripheral count listed in the smaller package is reduced because the
smaller package has less device pins available. The number of peripherals internally present on the device is not reduced compared to
the largest package offered within a part number. See Section 4 to identify which peripheral instances are accessible on pins in the
smaller package.
(4) The CAN module uses the IP known as D_CAN. This document uses the names “CAN” and “D_CAN” interchangeably to reference this
peripheral.
(5) The letter Q refers to Q100 qualification for automotive applications.
8
Device Comparison
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320F28379D TMS320F28377D TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com